công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WS2G bảng dữ liệu(PDF) 1 Page - Metcal

tên linh kiện WS2G
Giải thích chi tiết về linh kiện  MFR/PS Accessories & Spare Parts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  METCAL [Metcal]
Trang chủ  https://www.metcal.com/
Logo METCAL - Metcal

WS2G bảng dữ liệu(HTML) 1 Page - Metcal

  WS2G Datasheet HTML 1Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Workstands
PS-HC3
PS-H3
PS-CA3
Soldering Handle with PS-CA3 Coil Assembly
(PS-900)
1 Soldering Handle without Coil Assembly (PS-
900)
2 Coil Assembly for PS-HC3 / PS-H3 Hand-
piece (PS-900)
MFR-H1-SC2
3 Cartridge Solder / Rework Hand-piece (MFR)
MFR-H2-ST2
4 Tip Solder Hand-piece (MFR)
MFR-CA3
Coil Assembly for MFR-H2-ST2 Hand-piece
(MFR)
MFR-H4-TW
5 Precision Tweezer Hand-piece (MFR)
MFR-H6-SSC
6 SSC Cartridge Solder Hand-piece (MFR)
MFR-H5-DS
7 Desolder Hand-piece
MFR-HSREC
MFR-HSRLR
Cartridge Solder / Rework Hand-piece with
long cord (1.83 m / 6 ft)
8 Cartridge Solder / Rework Hand-piece with
long reach access
Miscellaneous Accessories
AC-BRUSH
15 Soft Brass Brush
AC-CP2
Cartridge and Tip Removal Pad
AC-FX1
16 Fume Extraction Kit
AC-IK
MFR-PM70
Interlocking / Mounting Kit
Power Meter for MFR Series
PS-PM900
AC-Y10
Power Meter for PS-900
Yellow Sponge for WS1 Workstand (Pack of 10)
AC-YS4
AC-BP
5100-0044
5100-0067
Yellow Sponge Round for WS2 Workstand
(Pack of 10)
Brass Pad (Pack of 10)
Power switch, push button, replacement, PCB-
mounting
Power switch, rocker, on-off-on, replacement
7074-0570
SW cap/power switch
Lead-Free Process Identification
WS1G
12 Green Universal Auto Sleep Workstand
WS2G
WS1CG
Green Solder Workstand (PS-900)
Green Solder Rework Cradle Replacement for
WS1 Workstand
WS2CG
AC-CK1
Green Solder Rework Cradle Replacement for
WS2 Workstand
13 Green Identification Ring for MFR Cartridges
(Pack of 50)
AC-CK3
AC-CK4
Green Identification Ring for SSC Cartridges
(Pack of 50)
14 Green Identification Ring for MFR Tips (Pack
of 50)
MFR-UK1
MFR-UK2
Solder Cartridge Hand-piece (MFR-H1-SC2) and
Workstand (WS1)
Solder Tip Hand-piece (MFR-H2-ST2) and Work-
stand (WS1)
MFR-UK4
MFR-UK5
Tweezer Cartridge Hand-piece (MFR-H4-TW) and
Workstand (MFR-WSPT)
Desolder Hand-piece (MFR-H5-DS) and Work-
stand (MFR-WSDSX)
MFR-UK6
MFR-H5-DS-C
Solder Cartridge Hand-piece (MFR-H6-SSC) and
Workstand (WS2)
Desolder Hand-piece (MFR-H5-DS) and Work-
stand cradle (MFR-WSDSCB)
8
11
9
12
10
13
14
Hand-pieces and replacement coils
7
www.metcal.com
Desoldering Accessories
MFR-DC10
17 Disposable Collection Chamber for MFR-H5-DS
(Pack of 10)
MFR-DC100
Disposable Collection Chamber for MFR-H5-DS
(Pack of 100)
MFR-HDCA
18 Coil Assembly for MFR Desolder Hand-piece
MFR-PG
AC-SK1
Replacement Pistol grip for MFR-H5-DS Hand-
piece
Seal Kit Collection Chamber (Pack of 2)
AC-VP
AC-VL
Vacuum Port
ESD Air Hose
AC-VPF
LM-PS
Vacuum Port Filter (Pack of 5)
Power supply for MFR-WSDSX with multi plug
adapters
AC-TC
Desoldering Tip Cleaner Tool
WS1
WS2
Universal Auto Sleep Workstand
Round Auto Sleep Workstand
WS2-NS
9 Solder Workstand (PS-900)
MFR-WSPT
10 Non Sleeper Precision Tweezer Workstand
MFR-WSDSX
11 Venturi Workstand for Desolder Hand-piece
MFR-WSDSU
Non Sleeper Workstand for Desolder Hand-
piece
WS1CB
WS2CB
Solder Rework Cradle Replacement for WS1
Workstand
Solder Rework Cradle Replacement for WS2
Workstand
MFR-WSDSCB
Replacement cradle for MFR-WSDSU
Desolder Workstands
5
6
Hand Soldering, Desoldering, & Rework
MFR/PS Accessories & Spare Parts
1
2
3
4
15
16
17
18
Upgrade Kits


Số phần tương tự - WS2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
WS2G ETC-WS2G Datasheet
240Kb / 2P
PS-900 Soldering System High Power. Superior Control. Cost Effective.
Jan. 2008
logo
Metcal
WS2G METCAL-WS2G Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
More results

Mô tả tương tự - WS2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
2351MFX61W1 OSRAM-2351MFX61W1 Datasheet
132Kb / 4P
Original spare parts
2886X OSRAM-2886X Datasheet
127Kb / 4P
Original spare parts
3156 OSRAM-3156 Datasheet
127Kb / 4P
Original spare parts
64185W12VSV8 OSRAM-64185W12VSV8 Datasheet
124Kb / 4P
Original spare parts
6413621W12VB OSRAM-6413621W12VB Datasheet
122Kb / 4P
Original spare parts
6415055W12VP OSRAM-6415055W12VP Datasheet
132Kb / 4P
Original spare parts
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
Original spare parts
CLKH1EURO OSRAM-CLKH1EURO Datasheet
85Kb / 3P
Original spare parts
CLKH424V OSRAM-CLKH424V Datasheet
111Kb / 3P
Original spare parts
logo
Pulse A Technitrol Comp...
BAHEXNUT PULSE-BAHEXNUT Datasheet
3Mb / 4P
PARTS/ACCESSORIES
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com