| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WS1 bảng dữ liệu(PDF) 2 Page - Metcal |
|
|
|||||||||||||||||||||||||||||
WS1 bảng dữ liệu(HTML) 2 Page - Metcal |
|
2 / 6 page ![]() Metcal MFR-1300 Series 60W Dual Output System w/ Internal Pump Data Sheet MFR-1300 Series System and Accessories 2 MFR-PS1300 Power Supply - Dual output w/ 3- position switch (Left/Both/Right) SxP Soldering Cartridges See pgs. 5 - 6 Also Available - MFR-1150 Desoldering / Soldering Unit G Part No. Photo Description MFR-1350 1 Desolder System with Internal Pump Includes: MFR-PS1300 A Dual Output Power Supply MFR-H5-DS B Desolder Hand-piece MFR-WSDSU C Workstand for Desolder Hand-piece DXP Tips D Desoldering Tips (SOLD SEPARATELY) MFR-1351 2 Desolder / Solder System with Internal Pump Includes: MFR-PS1300 A Dual Output Power Supply MFR-H5-DS B Desolder Hand-piece MFR-WSDSU C Workstand for Desolder Hand-piece MFR-H1-SC2 E Solder Hand-piece WS1 F Workstand for Solder Hand-piece DxP Tips D Desoldering Tips (SOLD SEPARATELY) SxP Cartridges G Soldering Cartridges (SOLD SEPARATELY) RxP Cartridges H Rework Cartridges (SOLD SEPARATELY) 1 2 A A A B B C C E F H RxP Rework Cartridges See pg. 6 DxP Desoldering Tips See pgs. 4 D See page 3 for additional accessories Also Available From Metcal - MFR-1150 Desoldering System Metcal also offers the MFR-1150 Desloldering System - a single output system and a workstand with a built in venturi helps to efficiently eliminate unwanted solde . The workstand uses your shop air system to create a .85 bar vacuum, which helps remove and collect nonessential solder. The MFR-1150 includes a Desoldering Pistol with an easy to change, large capacity solder collection chamber to ensure minimum downtime. The pistol can easily be converted to a pencil grip for additional control. Metcal offers a wide range of long life desoldering tips that will keep your equipment working efficien ly. For more information about Metcal’s MFR-1150 Desoldering System or any Metcal product, visit www.Metcal.com or contact your local Metcal representative. MFR-1150 Desoldering System includes: MFR-PS-1100 - Power Supply MFR-HS-DS - Desolder Hand-piece MFR-WSDSX - Workstand with Venturi MFR-FTKIT - Air Hose and Fittings Kit (for shop air connections) AC-TC - Desolder Tip Cleaner Tool www.metcal.com |