công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM393CD bảng dữ liệu(PDF) 4 Page - First Components International

tên linh kiện LM393CD
Giải thích chi tiết về linh kiện  Dual Differential Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCI [First Components International]
Trang chủ  http://www.cotra.com.tw/
Logo FCI - First Components International

LM393CD bảng dữ liệu(HTML) 4 Page - First Components International

  LM393CD Datasheet HTML 1Page - First Components International LM393CD Datasheet HTML 2Page - First Components International LM393CD Datasheet HTML 3Page - First Components International LM393CD Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LM393 Dual Differential Comparator
These dual comparators feature high gain, wide bandwidth characteristics. This gives
the device oscillation tendencies if the outputs are capacitively coupled to the inputs via stray
capacitance. This oscillation manifests itself during output transitions (V
OL to VOH ). To alleviate
this situation, input resistors <10 k
Ω should be used.
The addition of positive feedback (< 10 mV) is also recommended. It is good design
practice to ground all unused pins.
Differential input voltages may be larger than supply voltage without damaging the
comparator’s inputs. Voltages more negative than –0.3 V should not be used.
APPLICATIONS INFORMATION
Zero Crossing Detector
(Single Supply)
Zero Crossing Detector
(Split Supply)
Free-Running Square Wave Oscillator
Time Delay Generator
Comparator With Hysteresis
5-19



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com