| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
QESM042 bảng dữ liệu(PDF) 4 Page - TEMEX |
|
|
|||||||||||||||||||||||||||||
QESM042 bảng dữ liệu(HTML) 4 Page - TEMEX |
|
4 / 4 page ![]() QESM042 SMD 6.0x3.5 Crystal – Ceramic SMD 2 pads packaged Specification (rev-A) September 01 th, 2006 3 TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost. Freque ncy Item Code Dimension Tolerance Pitch of components P 8.0 ± 0.1 Pitch of sprocket hole Po 4.0 ± 0.1 Length from hole center to component center P1 2.0 ± 0.1 Width of carrier tape W 16.0 ± 0.3 Width of adhesive tape W0 7.5 ± 0.1 Height of component hole A 7.1 ± 0.1 Width of component hole B 4.7 ± 0.1 Gap of hold down tape and carrier tape W2 1.75 ± 0.1 Diameter of sprocket hole Do ∅ 1.5 ± 0.05 Diameter of feed hole D1 ∅ 1.5 ± 0.25 Total of tape thickness K 1.5 ± 0.1 Tape Drawing Reel Drawing 1.6 17.5 Ø13.5 Ø21.6 2.5 Multiple : 1Kpcs per Reel Unit : mm |