| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IR3087MPBF bảng dữ liệu(PDF) 21 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR3087MPBF bảng dữ liệu(HTML) 21 Page - International Rectifier |
|
21 / 35 page ![]() IR3087PBF Type III Compensation for Non-AVP Applications Resistor RFB is chosen according to Equations (13), and resistor RDRP and capacitor CDRP are not needed. Choose the crossover frequency fc between 1/10 and 1/5 of the switching frequency per phase and select the desired phase margin θc. Calculate K factor from Equation (35), and determine the component values based on Equations (36) to (40), )] 5 . 1 180 ( 4 tan[ + ∗ = C K θ π (35) K V V f C L R R O PWMRMP C E E FB CP ∗ ∗ ∗ ∗ ∗ ∗ = 2 ) 2 ( π (36) CP C CP R f K C ∗ ∗ = π 2 (37) CP C CP R K f C ∗ ∗ ∗ = π 2 1 1 (38) FB C FB R f K C ∗ ∗ = π 2 (39) FB C FB C K f R ∗ ∗ ∗ = π 2 1 1 (40) CURRENT SHARE LOOP COMPENSATION The crossover frequency of the current share loop should be at least one decade lower than that of the voltage loop in order to eliminate the interaction between the two loops. A capacitor from SCOMP to ground is usually enough for the share loop compensation. Choose the crossover frequency of current share loop (fCI) based on the crossover frequency of voltage loop (fC), and determine the CSCOMP, 6 _ 10 * 05 . 1 * 2 * )] ( * * * 2 1 [ * * * * * * 65 . 0 CI O MI O O E CI LE ROOM CS O I PWMRMP SCOMP f V F I V C f R G I V R C ∗ ∗ + = π π (41) Where FMI is the PWM gain in the current share loop, ) ( * ) ( * * * DAC I DAC PWMRMP I PWMRMP SW PWMRMP PWMRMP MI V V V V V V f C R F − − − = (42) Page 21 of 35 1/31/05 |