công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ20Z95DBTR bảng dữ liệu(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện BQ20Z95DBTR
Giải thích chi tiết về linh kiện  SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z95DBTR bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button BQ20Z95DBTR Datasheet HTML 10Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 11Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 12Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 13Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 14Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 15Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 16Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 17Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.ti.com
bq20z95
SLUS757 – JULY 2007
Table 1. SBS COMMANDS (continued)
SBS
Mode
Name
Format
Size in
Min
Max
Default
Unit
Cmd
Bytes
Value
Value
Value
0x3c
R
CellVoltage4
unsigned int
2
0
65535
—
mV
0x3d
R
CellVoltage3
unsigned int
2
0
65535
—
mV
0x3e
R
CellVoltage2
unsigned int
2
0
65535
—
mV
0x3f
R
CellVoltage1
unsigned int
2
0
65535
—
mV
Table 2. EXTENDED SBS COMMANDS
SBS
Mode
Name
Format
Size in
Min Value
Max Value
Default
Unit
Cmd
Bytes
Value
0x45
R
AFEData
String
11+1
—
—
—
ASCII
0x46
R/W
FETControl
hex
1
0x00
0xff
—
0x4f
R
StateOfHealth
unsigned int
1
0
100
—
%
0x51
R
SafetyStatus
hex
2
0x0000
0xffff
—
0x53
R
PFStatus
hex
2
0x0000
0xffff
—
0x54
R
OperationStatus
hex
2
0x0000
0xffff
—
0x55
R
ChargingStatus
hex
2
0x0000
0xffff
—
0x57
R
ResetData
hex
2
0x0000
0xffff
—
0x5a
R
PackVoltage
unsigned int
2
0
65535
—
mV
0x5d
R
AverageVoltage
unsigned int
2
0
65535
—
mV
0x60
R/W
UnSealKey
hex
4
0x00000000
0xffffffff
—
0x61
R/W
FullAccessKey
hex
4
0x00000000
0xffffffff
—
0x62
R/W
PFKey
hex
4
0x00000000
0xffffffff
—
0x63
R/W
AuthenKey3
hex
4
0x00000000
0xffffffff
—
0x64
R/W
AuthenKey2
hex
4
0x00000000
0xffffffff
—
0x65
R/W
AuthenKey1
hex
4
0x00000000
0xffffffff
—
0x66
R/W
AuthenKey0
hex
4
0x00000000
0xffffffff
—
0x70
R/W
ManufacturerInfo
String
8+1
—
—
—
0x71
R/W
SenseResistor
unsigned int
2
0
65535
—
µΩ
0x77
R/W
DataFlashSubClassID
hex
2
0x0000
0xffff
—
0x78
R/W
DataFlashSubClassPage1
hex
32
—
—
—
0x79
R/W
DataFlashSubClassPage2
hex
32
—
—
—
0x7a
R/W
DataFlashSubClassPage3
hex
32
—
—
—
0x7b
R/W
DataFlashSubClassPage4
hex
32
—
—
—
0x7c
R/W
DataFlashSubClassPage5
hex
32
—
—
—
0x7d
R/W
DataFlashSubClassPage6
hex
32
—
—
—
0x7e
R/W
DataFlashSubClassPage7
hex
32
—
—
—
0x7f
R/W
DataFlashSubClassPage8
hex
32
—
—
—
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20