| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC312XDP512F0CAL bảng dữ liệu(PDF) 113 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CAL bảng dữ liệu(HTML) 113 Page - Freescale Semiconductor, Inc |
|
113 / 1350 page ![]() Chapter 2 Clocks and Reset Generator (S12CRGV6) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 113 2.5 Resets This section describes how to reset the CRG, and how the CRG itself controls the reset of the MCU. It explains all special reset requirements. Since the reset generator for the MCU is part of the CRG, this section also describes all automatic actions that occur during or as a result of individual reset conditions. The reset values of registers and signals are provided in Section 2.3, “Memory Map and Register Definition”. All reset sources are listed in Table 2-14. Refer to MCU specification for related vector addresses and priorities. 2.5.1 Description of Reset Operation The reset sequence is initiated by any of the following events: • Low level is detected at the RESET pin (external reset) • Power on is detected • Low voltage is detected • Illegal Address Reset is detected (see S12XMMC Block Guide for details) • COP watchdog times out • Clock monitor failure is detected and self-clock mode was disabled (SCME=0) Upon detection of any reset event, an internal circuit drives the RESET pin low for 128 SYSCLK cycles (see Figure 2-25). Since entry into reset is asynchronous, it does not require a running SYSCLK. However, the internal reset circuit of the CRG cannot sequence out of current reset condition without a running SYSCLK. The number of 128 SYSCLK cycles might be increased by n = 3 to 6 additional SYSCLK cycles depending on the internal synchronization latency. After 128 + n SYSCLK cycles the RESET pin is released. The reset generator of the CRG waits for additional 64 SYSCLK cycles and then samples the RESET pin to determine the originating source. Table 2-15 shows which vector will be fetched. Table 2-14. Reset Summary Reset Source Local Enable Power on Reset None Low Voltage Reset None External Reset None Illegal Address Reset None Clock Monitor Reset PLLCTL (CME = 1, SCME = 0) COP Watchdog Reset COPCTL (CR[2:0] nonzero) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |