| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC312XDP512F0CAL bảng dữ liệu(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CAL bảng dữ liệu(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 1350 page ![]() Chapter 2 Clocks and Reset Generator (S12CRGV6) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 83 2.3.1 Module Memory Map Table 2-1 gives an overview on all CRG registers. NOTE Register Address = Base Address + Address Offset, where the Base Address is defined at the MCU level and the Address Offset is defined at the module level. Table 2-1. CRG Memory Map Address Offset Use Access 0x_00 CRG Synthesizer Register (SYNR) R/W 0x_01 CRG Reference Divider Register (REFDV) R/W 0x_02 CRG Test Flags Register (CTFLG)1 1 CTFLG is intended for factory test purposes only. R/W 0x_03 CRG Flags Register (CRGFLG) R/W 0x_04 CRG Interrupt Enable Register (CRGINT) R/W 0x_05 CRG Clock Select Register (CLKSEL) R/W 0x_06 CRG PLL Control Register (PLLCTL) R/W 0x_07 CRG RTI Control Register (RTICTL) R/W 0x_08 CRG COP Control Register (COPCTL) R/W 0x_09 CRG Force and Bypass Test Register (FORBYP)2 2 FORBYP is intended for factory test purposes only. R/W 0x_0A CRG Test Control Register (CTCTL)3 3 CTCTL is intended for factory test purposes only. R/W 0x_0B CRG COP Arm/Timer Reset (ARMCOP) R/W |