| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F84AT-04I/SSQTP bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84AT-04I/SSQTP bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 88 page ![]() © 2001 Microchip Technology Inc. DS35007B-page 5 PIC16F84A 2.0 MEMORY ORGANIZATION There are two memory blocks in the PIC16F84A. These are the program memory and the data memory. Each block has its own bus, so that access to each block can occur during the same oscillator cycle. The data memory can further be broken down into the general purpose RAM and the Special Function Registers (SFRs). The operation of the SFRs that control the “core” are described here. The SFRs used to control the peripheral modules are described in the section discussing each individual peripheral module. The data memory area also contains the data EEPROM memory. This memory is not directly mapped into the data memory, but is indirectly mapped. That is, an indirect address pointer specifies the address of the data EEPROM memory to read/write. The 64 bytes of data EEPROM memory have the address range 0h-3Fh. More details on the EEPROM memory can be found in Section 3.0. Additional information on device memory may be found in the PICmicro™ Mid-Range Reference Manual, (DS33023). 2.1 Program Memory Organization The PIC16FXX has a 13-bit program counter capable of addressing an 8K x 14 program memory space. For the PIC16F84A, the first 1K x 14 (0000h-03FFh) are physically implemented (Figure 2-1). Accessing a loca- tion above the physically implemented address will cause a wraparound. For example, for locations 20h, 420h, 820h, C20h, 1020h, 1420h, 1820h, and 1C20h, the instruction will be the same. The RESET vector is at 0000h and the interrupt vector is at 0004h. FIGURE 2-1: PROGRAM MEMORY MAP AND STACK - PIC16F84A PC<12:0> Stack Level 1 • Stack Level 8 RESET Vector Peripheral Interrupt Vector • • CALL, RETURN RETFIE, RETLW 13 0000h 0004h 1FFFh 3FFh |