| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F84A-20/SSSQTP bảng dữ liệu(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84A-20/SSSQTP bảng dữ liệu(HTML) 44 Page - Microchip Technology |
|
44 / 88 page ![]() PIC16F84A DS35007B-page 42 © 2000 Microchip Technology Inc. XORLW Exclusive OR Literal with W Syntax: [ label] XORLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .XOR. k → (W) Status Affected: Z Description: The contents of the W register are XOR’ed with the eight-bit lit- eral 'k'. The result is placed in the W register. XORWF Exclusive OR W with f Syntax: [ label] XORWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) .XOR. (f) → (destination) Status Affected: Z Description: Exclusive OR the contents of the W register with register 'f'. If 'd' is 0, the result is stored in the W register. If 'd' is 1, the result is stored back in register 'f'. |