| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F84A-20I/SOSQTP bảng dữ liệu(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84A-20I/SOSQTP bảng dữ liệu(HTML) 63 Page - Microchip Technology |
|
63 / 88 page ![]() © 2001 Microchip Technology Inc. DS35007B-page 61 PIC16F84A 10.0 DC/AC CHARACTERISTIC GRAPHS The graphs provided in this section are for design guidance and are not tested. In some graphs, the data presented are outside specified operating range (i.e., outside specified VDD range). This is for information only and devices are ensured to operate properly only within the specified range. The data presented in this section is a statistical summary of data collected on units from different lots over a period of time and matrix samples. ‘Typical’ represents the mean of the distribution at 25 °C. ‘Max’ or ‘Min’ represents (mean + 3 σ) or (mean - 3σ), respectively, where σ is a standard deviation over the whole temperature range. |