| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F84A-04I/PQTP bảng dữ liệu(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84A-04I/PQTP bảng dữ liệu(HTML) 73 Page - Microchip Technology |
|
73 / 88 page ![]() © 2001 Microchip Technology Inc. DS35007B-page 71 PIC16F84A 11.0 PACKAGING INFORMATION 11.1 Package Marking Information 18-Lead PDIP XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN YYWWNNN XXXXXXXXXXXX XXXXXXXXXXXX 18-Lead SOIC Example XXXXXXXXXXXX Example YYWWNNN XXXXXXXXXXX XXXXXXXXXXX 20-Lead SSOP Example Legend: XX...X Customer specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard PICmicro device marking consists of Microchip part number, year code, week code, and traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip sales office. For QTP devices, any special marking adders are included in QTP price. PIC16F84A-04I/P 0110017 0110017 /SO PIC16F84A-04 0110017 20/SS PIC16F84A- |