công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S312XDP512F0MPVR bảng dữ liệu(PDF) 610 Page - Freescale Semiconductor, Inc

tên linh kiện S312XDP512F0MPVR
Giải thích chi tiết về linh kiện  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR bảng dữ liệu(HTML) 610 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 606Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 607Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 608Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 609Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 610Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 611Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 612Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 613Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 614Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 610 / 1350 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
610
Freescale Semiconductor
16.5
Initialization/Application Information
16.5.1
Initialization
After system reset, software should:
•
Initialize the interrupt vector base register if the interrupt vector table is not located at the default
location (0xFF10–0xFFF9).
•
Initialize the interrupt processing level configuration data registers (INT_CFADDR,
INT_CFDATA0–7) for all interrupt vector requests with the desired priority levels and the request
target (CPU or XGATE module). It might be a good idea to disable unused interrupt requests.
•
If the XGATE module is used, setup the XGATE interrupt priority register (INT_XGPRIO) and
configure the XGATE module (please refer the XGATE Block Guide for details).
•
Enable I maskable interrupts by clearing the I bit in the CCR.
•
Enable the X maskable interrupt by clearing the X bit in the CCR (if required).
16.5.2
Interrupt Nesting
The interrupt request priority level scheme makes it possible to implement priority based interrupt request
nesting for the I bit maskable interrupt requests handled by the CPU.
•
I bit maskable interrupt requests can be interrupted by an interrupt request with a higher priority,
so that there can be up to seven nested I bit maskable interrupt requests at a time (refer to
Figure 16-14 for an example using up to three nested interrupt requests).
I bit maskable interrupt requests cannot be interrupted by other I bit maskable interrupt requests per
default. In order to make an interrupt service routine (ISR) interruptible, the ISR must explicitly clear the
I bit in the CCR (CLI). After clearing the I bit, I bit maskable interrupt requests with higher priority can
interrupt the current ISR.
An ISR of an interruptible I bit maskable interrupt request could basically look like this:
•
Service interrupt, e.g., clear interrupt flags, copy data, etc.
•
Clear I bit in the CCR by executing the instruction CLI (thus allowing interrupt requests with
higher priority)
•
Process data
•
Return from interrupt by executing the instruction RTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com