công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S312XDP512F0MPVR bảng dữ liệu(PDF) 608 Page - Freescale Semiconductor, Inc

tên linh kiện S312XDP512F0MPVR
Giải thích chi tiết về linh kiện  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR bảng dữ liệu(HTML) 608 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 604Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 605Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 606Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 607Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 608Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 609Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 610Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 611Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 612Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 608 / 1350 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
608
Freescale Semiconductor
16.4.2.1
Interrupt Priority Stack
The current interrupt processing level (IPL) is stored in the condition code register (CCR) of the CPU. This
way the current IPL is automatically pushed to the stack by the standard interrupt stacking procedure. The
new IPL is copied to the CCR from the priority level of the highest priority active interrupt request channel
which is configured to be handled by the CPU. The copying takes place when the interrupt vector is
fetched. The previous IPL is automatically restored by executing the RTI instruction.
16.4.3
XGATE Requests
The XINT module processes all exception requests to be serviced by the XGATE module. The overall
priority level of those exceptions is discussed in the subsections below.
16.4.3.1
XGATE Request Prioritization
An interrupt request channel is configured to be handled by the XGATE module, if the RQST bit of the
associated configuration register is set to 1 (please refer to Section 16.3.1.4, “Interrupt Request
Configuration Data Registers (INT_CFDATA0–7)”). The priority level setting (PRIOLVL) for this channel
becomes the DMA priority which will be used to determine the highest priority DMA request to be
serviced next by the XGATE module. Additionally, DMA interrupts may be raised by the XGATE module
by setting one or more of the XGATE channel interrupt flags (using the SIF instruction). This will result
in an CPU interrupt with vector address vector base + (2 * channel ID number), where the channel ID
number corresponds to the highest set channel interrupt flag, if the XGIE and channel RQST bits are set.
The shared interrupt priority for the DMA interrupt requests is taken from the XGATE interrupt priority
configuration register (please refer to Section 16.3.1.2, “XGATE Interrupt Priority Configuration Register
(INT_XGPRIO)”). If more than one DMA interrupt request channel becomes active at the same time, the
channel with the highest vector address wins the prioritization.
16.4.4
Priority Decoders
The XINT module contains priority decoders to determine the priority for all interrupt requests pending
for the respective target.
There are two priority decoders, one for each interrupt request target (CPU, XGATE module). The function
of both priority decoders is basically the same with one exception: the priority decoder for the XGATE
module does not take the current interrupt processing level into account because XGATE requests cannot
be nested.
Because the vector is not supplied until the CPU requests it, it is possible that a higher priority interrupt
request could override the original exception that caused the CPU to request the vector. In this case, the
CPU will receive the highest priority vector and the system will process this exception instead of the
original request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com