công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM358 bảng dữ liệu(PDF) 1 Page - Silicon Supplies

tên linh kiện LM358
Giải thích chi tiết về linh kiện  Dual Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SS [Silicon Supplies]
Trang chủ  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM358 bảng dữ liệu(HTML) 1 Page - Silicon Supplies

  LM358 Datasheet HTML 1Page - Silicon Supplies LM358 Datasheet HTML 2Page - Silicon Supplies LM358 Datasheet HTML 3Page - Silicon Supplies LM358 Datasheet HTML 4Page - Silicon Supplies LM358 Datasheet HTML 5Page - Silicon Supplies LM358 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
 
 
 
 Dual Operational Amplifier – LM358
Low power, Dual Operational Amplifier in bare die form
Temperature compensated bandwidth (unity gain)
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
920 x 630
36 x 25
µm
mils
Minimum Bond Pad Size
85 x 85
3.35 x 3.35
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Temperature compensated IB: 45nA
Wide power supply range, single supply: 3V-32V
or dual supplies: ±1.5V to ±16V
Low VOS: 2mV, and IOS : 5nA
Differential input voltage range equal to the power
supply voltage
Large output voltage: 0V to VCC -1.5V swing
Input Common-Mode Voltage range includes GND
 
Rev 1.1
21/01/18
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
The LM358 consists of x2 independent, high gain,
internally frequency compensated operational
amplifiers operating from a single power supply as low
as 3V or as high as 32V. The device is useful in
interface circuits with digital systems and can be
operated from the single common 5V power supply.
The device also finds use in transducer amplifiers, DC
gain blocks & many other conventional op-amp circuits
which benefit from the single power supply capability.
IQ per amplifier is about 1/5 of the industry 741. Split-
supply operation is also possible with supply current
drain independent of voltage supplied for low power.
The die size is one of the smallest in the industry.
Description
Ordering Information
Die Dimensions in µm (mils)
920 (36)
For a higher electrical grade version of this product please see
LM358A
For High Reliability versions of this product please see
LM158 and LM158A
 
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(15 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 6 
www.siliconsupplies.com


Số phần tương tự - LM358

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
NXP Semiconductors
LM358 PHILIPS-LM358 Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM358 STMICROELECTRONICS-LM358 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Wing Shing Computer Com...
LM358 WINGS-LM358 Datasheet
91Kb / 4P
Dual Operation Amplifiers
More results

Mô tả tương tự - LM358

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com