| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMSZ5239AS bảng dữ liệu(PDF) 2 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
MMSZ5239AS bảng dữ liệu(HTML) 2 Page - Pan Jit International Inc. |
|
2 / 4 page ![]() PAGE . 2 STAD-DEC.24.2005 MMSZ5229AS SERIES r e b m u N t r a P e g a tl o V r e n e Z la n i m o Ne c n a d e p m I r e n e Z .x a M e s r e v e R x a M t n e rr u C e g a k a e L g n i k r a M e d o C e g a k c a P V Z @IZT ZZT @IZT ZZK @IZK IR @VR V . m o NV . n i MV . x a M Ω A m Ω A m µA V S A 9 2 2 5 Z S M M3 . 41 2 . 49 3 . 42 20 . 0 20 0 0 25 2 . 00 . 50 . 14 D3 2 3 - D O S S A 0 3 2 5 Z S M M7 . 41 6 . 49 7 . 49 10 . 0 20 0 9 15 2 . 00 . 50 . 25 D3 2 3 - D O S S A 1 3 2 5 Z S M M1 . 50 0 . 50 2 . 57 10 . 0 20 0 6 15 2 . 00 . 50 . 21 E3 2 3 - D O S S A 2 3 2 5 Z S M M6 . 59 4 . 51 7 . 51 10 . 0 20 0 6 15 2 . 00 . 50 . 32 E3 2 3 - D O S S A 4 3 2 5 Z S M M2 . 68 0 . 62 3 . 67 0 . 0 20 0 0 15 2 . 00 . 50 . 44 E3 2 3 - D O S S A 5 3 2 5 Z S M M8 . 66 6 . 64 9 . 65 0 . 0 20 5 75 2 . 00 . 30 . 55 E3 2 3 - D O S S A 6 3 2 5 Z S M M5 . 75 3 . 75 6 . 76 0 . 0 20 0 55 2 . 00 . 30 . 61 F3 2 3 - D O S S A 7 3 2 5 Z S M M2 . 84 0 . 86 3 . 88 0 . 0 20 0 55 2 . 00 . 30 . 62 F3 2 3 - D O S S A 9 3 2 5 Z S M M1 . 92 9 . 88 2 . 90 10 . 0 20 0 65 2 . 00 . 35 . 64 F3 2 3 - D O S S A 0 4 2 5 Z S M M0 10 8 . 90 2 . 0 17 10 . 0 20 0 65 2 . 00 . 30 . 85 F3 2 3 - D O S S A 1 4 2 5 Z S M M1 18 7 . 0 12 2 . 1 12 20 . 0 20 0 65 2 . 00 . 34 . 81 H3 2 3 - D O S S A 2 4 2 5 Z S M M2 16 7 . 1 14 2 . 2 10 30 . 0 20 0 65 2 . 00 . 21 . 92 H3 2 3 - D O S S A 3 4 2 5 Z S M M3 14 7 . 2 16 2 . 3 13 15 . 90 0 65 2 . 00 . 19 . 93 H3 2 3 - D O S S A 4 4 2 5 Z S M M4 12 7 . 3 18 2 . 4 15 10 . 90 0 65 2 . 05 . 05 . 0 14 H3 2 3 - D O S S A 5 4 2 5 Z S M M5 10 7 . 4 10 3 . 5 16 15 . 80 0 65 2 . 05 . 00 . 1 15 H3 2 3 - D O S S A 6 4 2 5 Z S M M6 18 6 . 5 12 3 . 6 17 18 . 70 0 65 2 . 01 . 00 . 2 11 J3 2 3 - D O S S A 7 4 2 5 Z S M M7 16 6 . 6 14 3 . 7 19 15 . 70 0 65 2 . 01 . 00 . 3 12 J3 2 3 - D O S S A 8 4 2 5 Z S M M8 14 6 . 7 16 3 . 8 11 20 . 70 0 65 2 . 01 . 00 . 4 13 J3 2 3 - D O S S A 0 5 2 5 Z S M M0 20 6 . 9 10 4 . 0 25 22 . 60 0 65 2 . 01 . 00 . 5 15 J3 2 3 - D O S S A 1 5 2 5 Z S M M2 26 5 . 1 24 4 . 2 29 26 . 50 0 65 2 . 01 . 00 . 7 11 K3 2 3 - D O S S A 2 5 2 5 Z S M M4 22 5 . 3 28 4 . 4 23 32 . 50 0 65 2 . 01 . 00 . 8 12 K3 2 3 - D O S S A 4 5 2 5 Z S M M7 26 4 . 6 24 5 . 7 21 40 . 50 0 65 2 . 01 . 00 . 1 24 K3 2 3 - D O S S A 5 5 2 5 Z S M M8 24 4 . 7 26 5 . 8 24 45 . 40 0 65 2 . 01 . 00 . 1 25 K3 2 3 - D O S S A 6 5 2 5 Z S M M0 30 4 . 9 20 6 . 0 39 42 . 40 0 65 2 . 01 . 00 . 3 21 M3 2 3 - D O S S A 7 5 2 5 Z S M M3 34 3 . 2 36 6 . 3 38 58 . 30 0 75 2 . 01 . 00 . 5 22 M3 2 3 - D O S S A 8 5 2 5 Z S M M6 38 2 . 5 32 7 . 6 30 74 . 30 0 75 2 . 01 . 00 . 7 23 M3 2 3 - D O S S A 9 5 2 5 Z S M M9 32 2 . 8 38 7 . 9 30 82 . 30 0 85 2 . 01 . 00 . 0 34 M3 2 3 - D O S S A 0 6 2 5 Z S M M3 44 1 . 2 46 8 . 3 43 90 . 30 0 95 2 . 01 . 00 . 3 35 M3 2 3 - D O S S A 1 6 2 5 Z S M M7 46 0 . 6 44 9 . 7 45 0 17 . 20 0 0 15 2 . 01 . 00 . 6 31 N3 2 3 - D O S S A 2 6 2 5 Z S M M1 58 9 . 9 42 0 . 2 55 2 15 . 20 0 1 15 2 . 01 . 00 . 9 32 N3 2 3 - D O S |