công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMS101 bảng dữ liệu(PDF) 3 Page - DFI Inc

tên linh kiện CMS101
Giải thích chi tiết về linh kiện  10th Gen Intel® CoreTM Thin Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DFI [DFI Inc]
Trang chủ  https://www.dfi.com/
Logo DFI - DFI Inc

CMS101 bảng dữ liệu(HTML) 3 Page - DFI Inc

  CMS101 Datasheet HTML 1Page - DFI Inc CMS101 Datasheet HTML 2Page - DFI Inc CMS101 Datasheet HTML 3Page - DFI Inc CMS101 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
Model Name
CMS101/CMS103-W480E
CMS101/CMS103-Q470E
CMS101/CMS103-H420E
SYSTEM
Processor
10th Gen Intel® Xeon/Core™/Pentium/Celeron Processors, LGA 1200 Socket
Intel® Xeon W-1290TE Processor (Core 10; Max speed 4.5GHz; TDP 35W) (W480E only)
Intel® Xeon W-1270TE Processor (Core 8; Max speed 4.4GHz; TDP 35W) (W480E only)
Intel® Xeon W-1250TE Processor (Core 6; Max speed 3.8GHz; TDP 35W) (W480E only)
Intel® Core i9-10900E Processor (Core 10; Max speed 4.7GHz; TDP 65W)
Intel® Core i9-10900TE Processor (Core 10; Max speed 4.5GHz; TDP 35W)
Intel® Core i7-10700E Processor (Core 8; Max speed 4.5GHz; TDP 65W)
Intel® Core i7-10700TE Processor (Core 8; Max speed 4.4GHz; TDP 35W)
Intel® Core i5-10500E Processor (Core 6; Max speed 4.2GHz; TDP 65W)
Intel® Core i5-10500TE Processor (Core 6; Max speed 3.7GHz; TDP 35W)
Intel® Core i3-10100E Processor (Core 4; Max speed 3.8GHz; TDP 65W)
Intel® Core i3-10100TE Processor (Core 4; Max speed 3.6GHz; TDP 35W)
Intel® Pentium G6400E Processor (Core 2; Max speed 3.8GHz; TDP 65W)
Intel® Pentium G6400TE Processor (Core 2; Max speed 3.2GHz; TDP 35W)
Intel® Celeron G5900E Processor (Core 2; Max speed 3.2GHz; TDP 65W)
Intel® Celeron G5900TE Processor (Core 2; Max speed 3.0GHz; TDP 35W)
Chipset
Intel® W480E Chipset
Intel® Q470E Chipset
Intel® H420E Chipset
Memory
Two 260-pin SODIMM up to 64GB
Dual Channel DDR4 2933MHz
Two 260-pin SODIMM up to 64GB
Dual Channel DDR4 2933MHz
Two 260-pin SODIMM up to 64GB
Dual Channel DDR4 2933MHz
BIOS
AMI SPI 256Mbit
AMI SPI 256Mbit
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® UHD Graphics 630
(only Pentium G5400/Celeron
G4900 support 610 )
Intel® UHD Graphics 630
(only Pentium G5400/Celeron
G4900 support 610 )
Intel® UHD Graphics 630
(only Pentium G5400/Celeron
G4900 support 610 )
Feature
OpenGL 4.5, DirectX 12, OpenCL
2.1
HW Decode: AVC/H.264, MPEG2,
VC1/WMV9, JPEG/MJPEG,
HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2,
JPEG, HEVC/H265, VP8, VP9
OpenGL 4.5, DirectX 12, OpenCL
2.1
HW Decode: AVC/H.264, MPEG2,
VC1/WMV9, JPEG/MJPEG,
HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2,
JPEG, HEVC/H265, VP8, VP9
OpenGL 4.5, DirectX 12, OpenCL
2.1
HW Decode: AVC/H.264, MPEG2,
VC1/WMV9, JPEG/MJPEG,
HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2,
JPEG, HEVC/H265, VP8, VP9
Display
2 x DP++
1 x LVDS/eDP
DP++: Resolution up to 4096x2304
@ 60Hz
LVDS: resolution up to 1920x1200
@ 60Hz
eDP: resolution up to 4096x2160
@ 60Hz
2 x DP++
1 x LVDS/eDP
DP++: Resolution up to 4096x2304
@ 60Hz
LVDS: resolution up to 1920x1200
@ 60Hz
eDP: resolution up to 4096x2160
@ 60Hz
2 x DP++
1 x LVDS/eDP
DP++: Resolution up to 4096x2304
@ 60Hz
LVDS: resolution up to 1920x1200
@ 60Hz
eDP: resolution up to 4096x2160
@ 60Hz
Triple
Displays
DP++ + DP++ + LVDS/eDP
DP++ + DP++ + LVDS/eDP
DP++ + DP++ + LVDS/eDP
EXPANSION
Interface
1 x PCIe x16 (Gen 3) (Max. 75W)
1 x M.2 2230 E Key (USB/PCIe x1)
1 x M.2 2280 M Key
(PCIe x4 Gen3/SATA)
1 x M.2 2242/3042/3052 B Key
(PCIe x1 Gen3/USB 3.2 Gen2/
USB 2.0/SATA)
1 x PCIe x16 (Gen 3) (Max. 75W)
1 x M.2 2230 E Key (USB/PCIe x1)
1 x M.2 2280 M Key
(PCIe x4 Gen3/SATA)
1 x M.2 2242/3042/3052 B Key
(PCIe x1 Gen3/USB 3.2 Gen2/
USB 2.0/SATA)
1 x PCIe x16 (Gen 3) (Max. 75W)
1 x M.2 2230 E Key (USB/PCIe x1)
1 x M.2 2280 M Key (PCIe x1 Gen3)
1 x M.2 2242/3042/3052 B Key
(PCIe x1 Gen3/USB 3.2 Gen1/
USB 2.0)
AUDIO
Audio Codec Realtek ALC888/887
Realtek ALC888/887
Realtek ALC888/887
ETHERNET
Controller
1 x Intel® I225LM PCIe
(10/100/1000/2.5G speeds)
1 x Intel® I219LM PHY
(10/100/1000 speeds), support
vPro/AMT
1 x Intel® I210AT PCIe
(10/100/1000 speeds)
1 x Intel® I225LM PCIe
(10/100/1000/2.5G speeds)
1 x Intel® I219LM PHY
(10/100/1000 speeds), support
vPro/AMT
1 x Intel® I210AT PCIe
(10/100/1000 speeds)
1 x Intel® I225LM PCIe
(10/100/1000/2.5G speeds)
1 x Intel® I219LM PHY
(10/100/1000 speeds), support
vPro/AMT
1 x Intel® I210AT PCIe
(10/100/1000 speeds)
REAR I/O
Ethernet
1 x 2.5GbE (RJ-45)
2 x GbE (RJ-45)
1 x 2.5GbE (RJ-45)
2 x GbE (RJ-45)
1 x 2.5GbE (RJ-45)
2 x GbE (RJ-45)
USB
4 x USB 3.2 Gen2
(dual type-A connector)
4 x USB 3.2 Gen2
(dual type-A connector)
4 x USB 3.2 Gen1
(dual type-A connector)
Display
2 x DP++
2 x DP++
2 x DP++
INTERNAL I/O
Serial
2 x RS-232/422/485 (2.0mm pitch)
2 x RS-232 (2.0mm pitch)
2 x RS-232/422/485 (2.0mm pitch)
2 x RS-232 (2.0mm pitch)
2 x RS-232/422/485 (2.0mm pitch)
2 x RS-232 (2.0mm pitch)
USB
4 x USB 2.0 (2.0mm pitch)
4 x USB 2.0 (2.0mm pitch)
4 x USB 2.0 (2.0mm pitch)
Display
1 x LVDS header
1 x eDP connector
1 x LVDS header
1 x eDP connector
1 x LVDS header
1 x eDP connector
Audio
1 x Front Audio (2.0mm pitch)
1 x Front Audio (2.0mm pitch)
1 x Front Audio (2.0mm pitch)
SATA
2 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
RAID 0/1/5/10
(w/ M.2 M/B Key + 2 SATA Conn.)
2 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
RAID 0/1/5/10
(w/ M.2 M/B Key + 2 SATA Conn.)
2 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
DIO
1 x 8-bit DIO
1 x DIO Power
1 x 8-bit DIO
1 x DIO Power
1 x 8-bit DIO
1 x DIO Power
LPC
1 x LPC
1 x LPC
1 x LPC



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com