công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSA2512LR003FWR bảng dữ liệu(PDF) 2 Page - Littelfuse

tên linh kiện SSA2512LR003FWR
Giải thích chi tiết về linh kiện  Two-terminal, Metal Type Current Shunt Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SSA2512LR003FWR bảng dữ liệu(HTML) 2 Page - Littelfuse

  SSA2512LR003FWR Datasheet HTML 1Page - Littelfuse SSA2512LR003FWR Datasheet HTML 2Page - Littelfuse SSA2512LR003FWR Datasheet HTML 3Page - Littelfuse SSA2512LR003FWR Datasheet HTML 4Page - Littelfuse SSA2512LR003FWR Datasheet HTML 5Page - Littelfuse SSA2512LR003FWR Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Current Shunt Resistor Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: VL 10/29/24
2
SSA Series
Two-terminal, Metal Type Current Shunt Resistor
Electrical Specifications
Temperature De-rating Curves
Storage / Environment Conditions
Products should be stored under the following environmental conditions.
Temperature:
+5 to +35 °C
Humidity:
45 to 85% relative humidity
Moisture Sensitivity Level
1, J-STD-020
Do not keep products in environments where they may be subject
to particulate contamination or harmful gases such as sulfuric acid or
hydrogen chloride as it may cause oxidization on electrodes, resulting poor
solderability.
Products should be stored in a space that does not expose to high
temperatures, vibration, or direct sunlight.
Products should be stored in the original airtight packaging
until use.
-55
0
0
20
40
60
80
100
40
Ambient Temperature (ºC)
70
80
120
160
170
200
-55
0
0
20
40
60
80
100
40
Ambient Temperature (ºC)
100
80
120
160
170
Terminal Temperature at 70°C
Terminal Temperature at 100°C
Part number
Size
Resitance Value
Power (70˚C)
Power (100˚C)
TCR (ppm/˚C)
Standard
package Qty
inch
mm
Ro (mΩ)
Rt (%)
W
W
SSA3921LR001JWR
3921
50110
1
±5.0%
7
4
±50
3000
SSA3921LR002JWR
3921
50110
2
±5.0%
6
4
±50
3000
SSA3921LR003JWR
3921
50110
3
±5.0%
6
3
±50
3000
SSA5931L0M20FDR
5931
75150
0.2
±1.0%
15
10
±125
1500
SSA5931L0M30FDR
5931
75150
0.3
±1.0%
10
7
±100
1500
SSA5931L0M50FDR
5931
75150
0.5
±1.0%
8
6
±100
1500
SSA5931L0M70FDR
5931
75150
0.7
±1.0%
7
4
±100
1500
SSA5931L0M75FDR
5931
75150
0.75
±1.0%
7
4
±100
1500
SSA5931LR001FDR
5931
75150
1
±1.0%
10
7
±50
1500
SSA5931LR002FDR
5931
75150
2
±1.0%
8
6
±50
1500
SSA5931LR003FDR
5931
75150
3
±1.0%
7
4
±50
1500
SSA5931L0M20JDR
5931
75150
0.2
±5.0%
15
10
±125
1500
SSA5931L0M30JDR
5931
75150
0.3
±5.0%
10
7
±100
1500
SSA5931L0M50JDR
5931
75150
0.5
±5.0%
8
6
±100
1500
SSA5931L0M70JDR
5931
75150
0.7
±5.0%
7
4
±100
1500
SSA5931L0M75JDR
5931
75150
0.75
±5.0%
7
4
±100
1500
SSA5931LR001JDR
5931
75150
1
±5.0%
10
7
±50
1500
SSA5931LR002JDR
5931
75150
2
±5.0%
8
6
±50
1500
SSA5931LR003JDR
5931
75150
3
±5.0%
7
4
±50
1500



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com