công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EB381 bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện EB381
Giải thích chi tiết về linh kiện  Migrating from the MC68HC811E2 to the MC68HC11F1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB381 bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  EB381 Datasheet HTML 1Page - Motorola, Inc EB381 Datasheet HTML 2Page - Motorola, Inc EB381 Datasheet HTML 3Page - Motorola, Inc EB381 Datasheet HTML 4Page - Motorola, Inc EB381 Datasheet HTML 5Page - Motorola, Inc EB381 Datasheet HTML 6Page - Motorola, Inc EB381 Datasheet HTML 7Page - Motorola, Inc EB381 Datasheet HTML 8Page - Motorola, Inc EB381 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Engineering Bulletin
Migrating to the MC68HC11F1
EB381
MOTOROLA
5
Figure 2. Pin Assignments for MC68HC11F1 80-Pin QFP
Difference:
Memory Map
(Memory, Registers,
etc.)
The MC68HC811E2 has the same memory mapped locations for the
normal mode interrupt vectors. The RAM, EEPROM, external
addressing, and registers for these devices are different. See Figure 3
and Figure 4.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
17
18
19
20
44
43
42
41
NC
NC
PB6/ADDR14
PB5/ADDR13
PB4/ADDR12
PB3/ADDR11
PB2/ADDR10
PB1/ADDR9
PB0/ADDR8
PF7/ADDR7
PF6/ADDR6
PF5/ADDR5
PF4/ADDR4
PF3/ADDR3
PF2/ADDR2
PF1/ADDR1
PF0/ADDR0
PE0/AN0
PE4/AN4
NC
NC
PG1
PG2
PG3
PG4/CSIO1
PG5/CSI02
PG6/CSGEN
PG7/CSPROG
IRQ
XIRQ
RESET
PC7/DATA7
PC6/DATA6
PC5/DATA5
PC4/DATA4
PC3/DATA3
PC2/DATA2
PC1/DATA1
NC
NC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16