| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S71GL032N80 bảng dữ liệu(PDF) 8 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71GL032N80 bảng dữ liệu(HTML) 8 Page - SPANSION |
|
8 / 11 page ![]() 8 S71GL-N Based MCPs S71GL-N_00_02 June 19, 2007 Data Sheet (Adv an ce Inf o r m a t io n) 5. Ordering Information The order number is formed by a valid combinations of the following: Note 1. Type 0 is standard. Specify other options as required. Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to confirm availability of specific valid combinations and to check on newly released combinations. S71GL 064 N A0 BF W 0 Z 0 PACKING TYPE 0= Tray 2 = 7” Tape and Reel 3 = 13” Tape and Reel MODEL NUMBER See the Valid Combinations table. PACKAGE MODIFIER 0 = 7 x 9 mm, 1.2 mm height, 56 balls (TLC056) TEMPERATURE RANGE W = Wireless (-25 °C to +85°C) PACKAGE TYPE BF = Fine-pitch BGA Lead (Pb)-free package pSRAM / SRAM DENSITY B0 = 32 Mb pSRAM A0 = 16 Mb pSRAM 40 = 4 Mb pSRAM 80 = 8 Mb pSRAM PROCESS TECHNOLOGY N = 110 nm, MirrorBit Technology FLASH DENSITY 064 = 64Mb 032 = 32Mb PRODUCT FAMILY S71GL Multi-chip Product (MCP) 3.0-volt Page Mode Flash Memory and RAM Table 5.1 Valid Combinations S71GL064N Valid Combinations Speed Options (ns)/Boot Sector Option (p)SRAM Type/ Access Time (ns) Package Marking Base Ordering Part Number Package & Temperature Package Modifier/Model Number Packing Type S71GL032N40 BFW 0K 0, 2, 3 (1) 90 / Bottom Boot Sector pSRAM9 / 70 TLC056 0P 90 / Top Boot Sector S71GL032N80 0K 90 / Bottom Boot Sector pSRAM9 / 70 0P 90 / Top Boot Sector S71GL032NA0 0U 90 / Bottom Boot Sector pSRAM7 / 70 0Z 90 / Top Boot Sector S71GL064NA0 0U 90 / Bottom Boot Sector pSRAM7 / 70 S71GL064NA0 0Z 90 / Top Boot Sector S71GL064NB0 0U 90 / Bottom Boot Sector pSRAM8 / 70 S71GL064NB0 0Z 90 / Top Boot Sector |