| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95128-MB6TG/P bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-MB6TG/P bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 44 page ![]() M95128, M95128-W, M95128-R Signal description 11/44 3.7.4 Power-down At power-down (continuous decrease in VCC), as soon as VCC drops from the normal operating voltage to below the power on reset threshold voltage, the device stops responding to any instruction sent to it. During power-down, the device must be deselected (the Chip Select (S) should be allowed to follow the voltage applied on VCC) and in Standby Power mode (that is there should be no internal Write cycle in progress). |