công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95128-MN3TP/P bảng dữ liệu(PDF) 25 Page - STMicroelectronics

tên linh kiện M95128-MN3TP/P
Giải thích chi tiết về linh kiện  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-MN3TP/P bảng dữ liệu(HTML) 25 Page - STMicroelectronics

Back Button M95128-MN3TP/P Datasheet HTML 21Page - STMicroelectronics M95128-MN3TP/P Datasheet HTML 22Page - STMicroelectronics M95128-MN3TP/P Datasheet HTML 23Page - STMicroelectronics M95128-MN3TP/P Datasheet HTML 24Page - STMicroelectronics M95128-MN3TP/P Datasheet HTML 25Page - STMicroelectronics M95128-MN3TP/P Datasheet HTML 26Page - STMicroelectronics M95128-MN3TP/P Datasheet HTML 27Page - STMicroelectronics M95128-MN3TP/P Datasheet HTML 28Page - STMicroelectronics M95128-MN3TP/P Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
M95128, M95128-W, M95128-R
Connecting to the SPI bus
25/44
In applications where the bus master might enter a state where all inputs/outputs SPI bus
would be in high impedance at the same time (for example, if the bus master is reset during
the transmission of an instruction), the clock line (C) must be connected to an external pull-
down resistor so that, if all inputs/outputs become high impedance, the C line is pulled low
(while the S line is pulled high): this will ensure that S and C do not become high at the
same time, and so, that the tSHCH requirement is met. The typical value of R is 100 kΩ.
7.1
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
●
CPOL=0, CPHA=0
●
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 13, is the clock polarity when the
bus master is in Stand-by mode and not transferring data:
●
C remains at 0 for (CPOL=0, CPHA=0)
●
C remains at 1 for (CPOL=1, CPHA=1)
Figure 13.
SPI modes supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com