công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9641BGS bảng dữ liệu(PDF) 9 Page - Richtek Technology Corporation

tên linh kiện RT9641BGS
Giải thích chi tiết về linh kiện  Triple Linear Regulator Controller Support ACPI Control Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641BGS bảng dữ liệu(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9641BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 9Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 10Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RT9641A/B
DS9641A/B-11 March 2007
www.richtek.com
9
Placement of the decoupling and bulk capacitors should
follow a placement reflecting their purpose. As such, the
high-frequency decoupling capacitors (CHF) should be
placed as close as possible to the load they are decoupling;
the ones decoupling the controller (C12V, C5VSB) close to
the controller pins, the one decoupling the load close to
the load connector or the load itself (if embedded). The
bulk capacitance (aluminum electrolytic or tantalum
capacitors) placement is not as critical as the high-
frequency capacitor placement, but having these capacitors
close to the load they serve is preferable.
The only critical small signal component is the soft-start
capacitor, CSS. Locate the component close to SS pin of
the control IC and connect to ground though a vias placed
close to the capacitor's ground pad. Minimize any leakage
current paths from SS node, since the internal current
source is only 5
μA.
A multi-layer printed circuit board is recommended. Figure1
shows the connections of most of the components to the
converter. Note that each individual capacitor could
represent numerous physical capacitors. Dedicate one
solid layer for a ground plane and make all critical
component ground connections through vias placed as
close to the component as possible. Dedicate another
solid layer as a power plane and break this plane into
smaller islands of common voltage levels. Ideally, the power
plane should support both the input power and output
power nodes. Use copper filled polygons on the top and
bottom circuit layers to create power islands connecting
the filtering components (output capacitors) and the loads.
Use the remaining printed circuit layers for small signal
wiring.
Component Selection Guidelines
Output Capacitors Selection
The output capacitors for all outputs should be selected
to allow the output voltage to meet the dynamic regulation
requirements of active state operation (S0, S1). The load
transient for the various microprocessor system's
components may require high quality capacitors to supply
the high slew rate (di/dt) current demands. Thus, it is
recommended that capacitors COUT1 and COUT2 should be
selected for transient load regulation.
Also, during the transition between active and sleep
states, there is a short interval of time during which none
of the power pass elements are conducting-during this
time the output capacitors have to supply all the output
current. The output voltage drop during this brief period of
time can be approximated with the following formula:
Δ VOUT = IOUT x (ESROUT + tt / COUT), where
Δ VOUT:output voltage drop
ESROUT : output capacitor bank ESR
IOUT : output current during transition
COUT : output capacitor bank capacitance
tt : active-to-sleep or sleep-to-active transition time (5
μs
typical)
Since the output voltage drop is heavily dependent on the
ESR (equivalent series resistance) of the output capacitor
bank, the capacitors should be chosen to maintain the
output voltage above the lowest allowable regulation level.
Input Capacitors Selection
The input capacitors for an RT9641A/B application must
have sufficiently low ESR so that the input voltage does
not dip excessively when energy is transferred to the output
capacitors.
Figure 1 . Printed Circuit Board Islands
SS
3V3DLSB
3V3DL
5VSB
5VDLSB
5VDL
DLA
VSEN2
DRV2
GND
12V
RT9641A/B
CIN
C5VSB
C12V
CSS
CHF1
CBULK1
CBULK2
CBULK2 CHF3
CHF2
Q1
Q5
Q4
Q2
Q3
+5VSB
+12VIN
VOUT1
VOUT2
VOUT3
+3.3VIN
ISLAND ON POWAR PLANE LAYER
ISLAND ON CIRCUIT/POWER PLANE LAYER
VIA CONNECTION TO GROUND PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com