công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9284APB bảng dữ liệu(PDF) 1 Page - Richtek Technology Corporation

tên linh kiện RT9284APB
Giải thích chi tiết về linh kiện  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284APB bảng dữ liệu(HTML) 1 Page - Richtek Technology Corporation

  RT9284APB Datasheet HTML 1Page - Richtek Technology Corporation RT9284APB Datasheet HTML 2Page - Richtek Technology Corporation RT9284APB Datasheet HTML 3Page - Richtek Technology Corporation RT9284APB Datasheet HTML 4Page - Richtek Technology Corporation RT9284APB Datasheet HTML 5Page - Richtek Technology Corporation RT9284APB Datasheet HTML 6Page - Richtek Technology Corporation RT9284APB Datasheet HTML 7Page - Richtek Technology Corporation RT9284APB Datasheet HTML 8Page - Richtek Technology Corporation RT9284APB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
RT9284A/B
DS9284A/B-05 August 2007
www.richtek.com
Pin Configurations
Applications
Camera Flash White LED
Mobile Phone, Smart Phone LED Backlight
PDA LED Backlight
Digital Still Camera
Camcorder
Tiny Package, High Performance, Constant Current
Switching Regulator for White LED
Ordering Information
TOP VIEW
Features
VIN Operating Range : 2.7V to 5.5V
Maximum Output Voltage up to 20V
Dimming with Zero-inrush and Wide Frequency
Range of 100 to 100kHz
Over Voltage Protection
Output Current up to 100mA at VOUT = 12V.
Zero Shutdown Supply Current
Minimize the External Component
Small LC Filter
Internal Soft Start
RoHS Compliant and 100% Lead (Pb)-Free
General Description
The RT9284A/B is a compact, high efficient and high
integration LED driver. Internal 22V MOSFET can support
2 to 5 White LEDs for backlighting and camera flashing.
Highly integration and internal compensation network
minimizes as 5 external component counts. Optimized
operation frequency can meet the requirement of small
LC filters value and low operation current with high
efficiency. Internal soft start function can reduce the inrush
current. Tiny package type of TSOT-23-5 and TSOT-23-6
packages provide the best solution for PCB space saving
and total BOM cost.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
Note : There is no pin1 indicator on top mark for TSOT-23-6
type, and pin 1 will be lower left pin when reading top mark
from left to right.
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
TSOT-23-6
LX
GND
FB
EN
OVP
VDD
4
23
5
6
1
LX
23
54
1
GND
FB
EN
VDD
TSOT-23-5
RT9284
Package Type
J5 : TSOT-23-5
J6 : TSOT-23-6
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with
Commercial Standard)
OVP Voltage
15 : 15V
20 : 20V
(
)
FB Voltage
A : 1.235V
B : 0.25V
-


Số phần tương tự - RT9284APB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9284APB RICHTEK-RT9284APB Datasheet
259Kb / 14P
Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
More results

Mô tả tương tự - RT9284APB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
Tiny Package, High Efficiency, Constant Current LED Driver
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
Tiny Package, High Efficiency, Constant Current LED Driver
RT9285C RICHTEK-RT9285C Datasheet
198Kb / 13P
Tiny Package, High Performance, Diode Embedded White LED Driver
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
Tiny Package, High Performance, Constant Current Switching Regulator
logo
Feeling Technology Corp...
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
28V, 2A Buck Constant Current Switching Regulator for White LED
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
28V, 3A Buck Constant Current Switching Regulator for White LED
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com