| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CAP-35/5/440R bảng dữ liệu(PDF) 2 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
CAP-35/5/440R bảng dữ liệu(HTML) 2 Page - Littelfuse |
|
2 / 8 page ![]() 2 Littelfuse.com/HCK © 2022 Littelfuse, Inc. Rev: 052422 Motor Run Capacitor HCK Series Certification & Compliance RU, cRU File No. E223457 UL/cUL Recognized 5085 File No. E223730 (Class 2 and 3) File No. E243953 (General Purpose) Ordering Information LITTELFUSE CATALOG NUMBER CONTACTOR FORM PER CIRCUIT FULL LOAD CURRENT INDUCTIVE FULL LOAD CURRENT RESISTIVE LOCKED ROTOR CURRENT LOCKED ROTOR CURRENT LOCKED ROTOR WEIGHT CAP-3/440R Single 3 440 Volt 3 Microfarad 50/60 Hz 0.5 Lb CAP-3/440 Single 3 440 Volt 3 Microfarad 50/60 Hz 0.5 Lb CAP-4/440R Single 3 440 Volt 4 Microfarad 50/60 Hz 0.5 Lb CAP-4/440 Single 3 440 Volt 4 Microfarad 50/60 Hz 0.5 Lb CAP-5/440R Single 3 440 Volt 5 Microfarad 50/60 Hz 0.5 Lb CAP-5/440 Single 3 440 Volt 5 Microfarad 50/60 Hz 0.5 Lb CAP-6/440 Single 3 440 Volt 6 Microfarad 50/60 Hz 0.5 Lb CAP-7.5/440R Single 3 440 Volt 7.5 Microfarad 50/60 Hz 0.5 Lb CAP-7.5/440 Single 3 440 Volt 7.5 Microfarad 50/60 Hz 0.5 Lb CAP-10/10/440R Dual 3 440 Volt 10+10 Microfarad 50/60 Hz 0.5 Lb CAP-10/440R Single 3 440 Volt 10 Microfarad 50/60 Hz 0.5 Lb CAP-10/440 Single 3 440 Volt 10 Microfarad 50/60 Hz 0.5 Lb CAP-12.5/440R Single 3 440 Volt 12 Microfarad 50/60 Hz 0.5 Lb CAP-12.5/440 Single 3 440 Volt 12.5 Microfarad 50/60 Hz 0.5 Lb CAP-15/3/440R Dual 3 440 Volt 15+3 Microfarad 50/60 Hz .04 Lb CAP-15/5/440R Dual 3 440 Volt 15+5 Microfarad 50/60 Hz 0.5 Lb CAP-15/5/440 Dual 3 440 Volt 15+5 Microfarad 50/60 Hz .04 Lb CAP-15/7.5/440R Dual 3 440 Volt 15+7.5 Microfarad 50/60 Hz 0.5 Lb CAP-15/10/440R Dual 3 440 Volt 15+10 Microfarad 50/60 Hz .04 Lb CAP-15/440R Single 3 440 Volt 15 Microfarad 50/60 Hz 0.5 Lb CAP-15/440 Single 3 440 Volt 15 Microfarad 50/60 Hz 0.5 Lb CAP-17.5/440 Single 3 440 Volt 17.5 Microfarad 50/60 Hz 0.5 Lb CAP-20/5/440R Dual 3 440 Volt 20+5 Microfarad 50/60 Hz 0.5 Lb CAP-20/5/440 Dual 3 440 Volt 20+5 Microfarad 50/60 Hz 0.5 Lb CAP-20/7.5/440R Dual 3 440 Volt 20+7.5 Microfarad 50/60 Hz 0.5 Lb CAP-20/10/440R Dual 3 440 Volt 20+10 Microfarad 50/60 Hz .04 Lb CAP-20/440R Single 3 440 Volt 20 Microfarad 50/60 Hz 0.5 Lb CAP-20/440 Single 3 440 Volt 20 Microfarad 50/60 Hz 0.5 Lb CAP-25/5/440R Single 3 440 Volt 25+5 Microfarad 50/60 Hz 0.5 Lb CAP-25/5/440 Dual 3 440 Volt 25+5 Microfarad 50/60 Hz 0.5 Lb CAP-25/7.5/440R Dual 3 440 Volt 25+7.5 Microfarad 50/60 Hz 0.5 Lb CAP-25/7.5/440 Dual 3 440 Volt 25+7.5 Microfarad 50/60 Hz .04 Lb CAP-25/10/440R Dual 3 440 Volt 25+10 Microfarad 50/60 Hz 0.5 Lb |