công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9209GS bảng dữ liệu(PDF) 4 Page - Richtek Technology Corporation

tên linh kiện RT9209GS
Giải thích chi tiết về linh kiện  Synchronous Buck PWM DC-DC with Enable & PGOOD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9209GS bảng dữ liệu(HTML) 4 Page - Richtek Technology Corporation

  RT9209GS Datasheet HTML 1Page - Richtek Technology Corporation RT9209GS Datasheet HTML 2Page - Richtek Technology Corporation RT9209GS Datasheet HTML 3Page - Richtek Technology Corporation RT9209GS Datasheet HTML 4Page - Richtek Technology Corporation RT9209GS Datasheet HTML 5Page - Richtek Technology Corporation RT9209GS Datasheet HTML 6Page - Richtek Technology Corporation RT9209GS Datasheet HTML 7Page - Richtek Technology Corporation RT9209GS Datasheet HTML 8Page - Richtek Technology Corporation RT9209GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9209/A
4
DS9209/A-08 March 2007
www.richtek.com
Absolute Maximum Ratings
Supply Input Voltage, VCC ------------------------------------------------------------------------------------------- 7V
BOOT & UGATE to GND --------------------------------------------------------------------------------------------- 19V
Input, Output or I/O Voltage ----------------------------------------------------------------------------------------- GND-0.3V to 7V
Power Dissipation, PD @ TA = 25°C
SOP-8 -------------------------------------------------------------------------------------------------------------------- 0.625W
Package Thermal Resistance
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 160°C/W
Ambient Temperature Range ---------------------------------------------------------------------------------------- 0° C to +70° C
Junction Temperature Range ---------------------------------------------------------------------------------------- 0
°C to +125°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260°C
CAUTION:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress only rating and operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied.
Functional Pin Description
FB (Pin1)
This pin is connected to the PWM converter's output divider.
This pin also connects to internal PWM error amplifier
inverting input and protection monitor.
VCC (Pin 2)
This is the main bias supply for the RT9209/A. This pin
also provides the gate bias charge for the lower MOSFETs
gate. The voltage at this pin monitored for power-on reset
(POR) purpose. This pin is also the internal 6.5V regulator
output powered from BOOT pin when BOOT pin is directly
powered from ATX 12V.
LGATE (Pin 3)
Connect LGATE to the PWM converter's lower MOSFET
gate. This pin provides the gate drive for the lower
MOSFET.
GND (Pin 4)
Signal and power ground for the IC. All voltage levels are
measured with respect to this pin.
UGATE (Pin 5)
Connect UGATE pin to the PWM converter's upper
MOSFET gate. This pin provides the gate drive for the
upper MOSFET.
BOOT (Pin 6)
This pin provides ground referenced bias voltage to the
upper MOSFET driver. A bootstrap circuit is used to create
a voltage suitable to drive a logic-level N-Channel
MOSFET when operating at a single 5V power supply.
This pin also could be powered from ATX 12V, in this
situation, a internal 6.5V regulator will supply to VCC pin
for internal voltage bias.
PGOOD (Pin 7)
PGOOD is an open collector output used to indicate the
status of the PWM converter output voltage. This pin is
pulled low when the FB is not over 90% of the reference
voltage.
SS (Pin 8)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 22
μA current source, sets the soft-
start internal of the synchronous PWM converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com