công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9012-FMPQW bảng dữ liệu(PDF) 10 Page - Richtek Technology Corporation

tên linh kiện RT9012-FMPQW
Giải thích chi tiết về linh kiện  300mA Dual LDO Regulator with POR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9012-FMPQW bảng dữ liệu(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9012-FMPQW Datasheet HTML 3Page - Richtek Technology Corporation RT9012-FMPQW Datasheet HTML 4Page - Richtek Technology Corporation RT9012-FMPQW Datasheet HTML 5Page - Richtek Technology Corporation RT9012-FMPQW Datasheet HTML 6Page - Richtek Technology Corporation RT9012-FMPQW Datasheet HTML 7Page - Richtek Technology Corporation RT9012-FMPQW Datasheet HTML 8Page - Richtek Technology Corporation RT9012-FMPQW Datasheet HTML 9Page - Richtek Technology Corporation RT9012-FMPQW Datasheet HTML 10Page - Richtek Technology Corporation RT9012-FMPQW Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT9012
Preliminary
10
DS9012-06 August 2007
www.richtek.com
For recommended operating conditions specification of
RT9012, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the operated
ambient temperature. The junction to ambient thermal
resistance (
θJA is layout dependent) for WDFN-8L 2x2
package is 108
°C/W on the standard JEDEC 51-3 single-
layer thermal test board. The maximum power dissipation
at TA = 25
°C can be calculated by following formula :
PD(MAX) = ( 125
°C − 25°C ) / 108 = 0.926W for
WDFN-8L 2x2 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA . For RT9012 packages, the Figure 3 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Figure 3. Derating Curves for RT9012 Packages
Power Dissipation vs. Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
25
50
75
100
125
Ambient Temperature (
°C)
WDFN-8L 2x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com