công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLF461-0CW-024B bảng dữ liệu(PDF) 23 Page - LEDTRONICS, INC

tên linh kiện SLF461-0CW-024B
Giải thích chi tiết về linh kiện  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEDTRONICS [LEDTRONICS, INC]
Trang chủ  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

SLF461-0CW-024B bảng dữ liệu(HTML) 23 Page - LEDTRONICS, INC

Back Button SLF461-0CW-024B Datasheet HTML 19Page - LEDTRONICS, INC SLF461-0CW-024B Datasheet HTML 20Page - LEDTRONICS, INC SLF461-0CW-024B Datasheet HTML 21Page - LEDTRONICS, INC SLF461-0CW-024B Datasheet HTML 22Page - LEDTRONICS, INC SLF461-0CW-024B Datasheet HTML 23Page - LEDTRONICS, INC SLF461-0CW-024B Datasheet HTML 24Page - LEDTRONICS, INC SLF461-0CW-024B Datasheet HTML 25Page - LEDTRONICS, INC SLF461-0CW-024B Datasheet HTML 26Page - LEDTRONICS, INC SLF461-0CW-024B Datasheet HTML 27Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
10
50
10
65
10
39
10
106
10
29
10
275
10
74
T5.5K European Telephone Slide Based LEDs
All dimensions in inches. For millimeters multiply by 25.4
55KSBF200-0UR-006V
55KSBF200-0UR-014V
55KSBF200-0UR-024V
55KSBF200-0UR-028V
5/6V
24V
28V
20
20
15
15
Replace 55KSBF200 With
55KSB200
Narrow Beam (15º)
Intensity 1.6K mcd/52
Ft.Cd @20 mA
12/14V
120º
115
115
85
85
Replace 55KSBF200 With
55KSB200
Narrow (15º) Beam
Intensity 3.5K mcd@20 mA
55KSBF200-0UO-006V
55KSBF200-0UO-014V
55KSBF200-0UO-024V
55KSBF200-0UO-028V
5/6V
24V
28V
12/14V
120º
130
130
98
98
20
20
15
15
55KSBF200-0UY-006V
55KSBF200-0UY-014V
55KSBF200-0UY-024V
55KSBF200-0UY-028V
5/6V
24V
28V
20
20
15
15
116
116
75
75
Replace 55KSBF200 With
55KSB200
Narrow (15º) Beam
Intensity 3.2K mcd@20 mA
12/14V
120º
55KSBF200-0CW-006V
55KSBF200-0CW-014V
55KSBF200-0CW-024V
55KSBF200-0CW-028V
5V
24V
28V
15
15
15
15
160
160
160
160
Replace 55KSBF200 With
55KSB200
Std. (50º) Beam Intensity
750 mcd/75 Ft. cd
12/14V
120º
55KSBF200-0UG-006V
55KSBF200-0UG-014V
55KSBF200-0UG-024V
55KSBF200-0UG-028V
5/6V
24V
28V
20
20
15
15
58
58
44
44
Replace 55KSBF200 With
55KSB200
Narrow (12-15º) Beam
Intensity 1K mcd@ 20 mA
12/14V
120º
55KSBF200-0AG-006V
55KSBF200-0AG-014V
55KSBF200-0AG-024V
55KSBF200-0AG-028V
5/6V
24V
28V
15
15
15
15
400
400
400
400
Replace 55KSBF200 With
55KSB200
Narrow (15º) Beam
Intensity 7K mcd/250 Ft.Cd
12/14V
120º
55KSBF200-0PB-006V
55KSBF200-0PB-014V
55KSBF200-0PB-024V
55KSBF200-0PB-028V
5/6V
24V
28V
15
15
15
15
Replace 55KSBF200 With
55KSB200
Std. (15º) Beam Intensity
2K mcd/60 Ft.Cd
12/14V
125
125
125
125
120º
55KSBF200
55KSBF200
55KSBF200
55KSBF200
55KSBF200
55KSBF200
55KSBF200
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Subminiature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
Angle
of
Illumi-
nation
55KSBF200-0UR-120A 120VAC
55KSBF200-0UO-120A 120VAC
55KSBF200-0UY-120A
120VAC
55KSBF200-0CW-120A 120VAC
55KSBF200-0UG-120A 120VAC
55KSBF200-0AG-120A 120VAC
55KSBF200-0PB-120A 120VAC
Series: 55KSB200 (15º Illumination)
PN Example: 55KSB200-0UO-024V
Series: 55KSB206 (160º Illumination)
PN Example: 55KSB206-0AG-024V
Options
.216
.200
.875
Polarity Mark
.200
0.94
.200
1.00
Polarity Mark
.200
0.94
Polarity Mark
.200
0.94
Polarity Mark
.200
0.94
Polarity Mark
.200
0.94
Polarity Mark
.200
0.94
Polarity Mark
.200
0.94
Contact Polarity
V = DC only
A = AC only
55KSBF200-0UR-048V
48V
12
65
55KSBF200-0UO-048V
48V
78
12
55KSBF200-0UY-048V
48V
12
54
55KSBF200-0CW-048V
48V
12
128
55KSBF200-0UG-048V
48V
12
35
55KSBF200-0AG-048V
48V
12
320
55KSBF200-0PB-048V
48V
12
84
Contact Polarity
V = DC only
A = AC only
Contact Polarity
V = DC only
A = AC only
Contact Polarity
V = DC only
A = AC only
Contact Polarity
V = DC only
A = AC only
Contact Polarity
V = DC only
A = AC only
Contact Polarity
V = DC only
A = AC only
570nm Lime Green
InGaAIP
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
525nm Aqua Green
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
470nm Super Blue
SiC/GaN
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com