công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BF321-0CW-028B bảng dữ liệu(PDF) 4 Page - LEDTRONICS, INC

tên linh kiện BF321-0CW-028B
Giải thích chi tiết về linh kiện  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEDTRONICS [LEDTRONICS, INC]
Trang chủ  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

BF321-0CW-028B bảng dữ liệu(HTML) 4 Page - LEDTRONICS, INC

  BF321-0CW-028B Datasheet HTML 1Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 2Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 3Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 4Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 5Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 6Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 7Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 8Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 9Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Application Notes
Will the Panel LED replace
another manufacturers parts?
Mounting Type?
Mounting Diameter & Panel
Thickness?
Operating Voltage and
Polarity?
Terminal Type?
Viewing Distance?
Viewing Angle?
LED Color?
Lens Type?
Ambient Lighting?
Potential Quality and
Target Price?
Dialight, Data Display Products, Industrial Devices Inc., etc...
If so, what is the part number?
Snap-in, Snap-in with mount clip, Bolt-on, Relampable, etc...
What is the hole diameter into which the lamp assembly
must fit? How thick is the wall of the panel?
Actual open line voltage? AC or DC? Does it fluctuate?
Indicate the Minimum/Maximum values?
Are solid wire (0.02 sq.), pigtail flexible wire lead (24AWG), quick
disconnect (3/16 rectangular), solder lug, turret, or screw-on type
terminals preferred?
How far is the operator / technician when the indicator
must be visible? 5 to 10 feet, 20 to 50 feet, 100 to 200 feet,
500 to 1000 feet?
0 to 12 degrees – Narrow Beam
30 to 60 degrees – Medium Beam
100 to 160 degrees – Wide Beam
Ultra Red, Hi-Efficiency Red, Standard Red, Orange, Yellow, Cool
white, Ultra Green, Aqua Green, Blue
Diffused lenses are used in applications where direct viewing or
indication is needed. Clear lenses are used in application where
illumination is needed. Is the lens fluted?
Standard office lighting. High ceiling factory lighting.
Indirect sunlight. Direct sunlight
How many pieces are required within a given time frame?
How much budgetary funding is allowed for this item or project?
Viewing Angle
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com