công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HE83R125 bảng dữ liệu(PDF) 13 Page - King blillion Electronics Co.,Ltd.

tên linh kiện HE83R125
Giải thích chi tiết về linh kiện  This chip is suitable for the applications that require higher performance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KB [King blillion Electronics Co.,Ltd.]
Trang chủ  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R125 bảng dữ liệu(HTML) 13 Page - King blillion Electronics Co.,Ltd.

Back Button HE83R125 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83R125
HE80000 Series
March 13, 2003
13
V1.0E
This specification is subject to change without notice. Please contact sales person for the latest version before use.
be generated when the counter underflows - counts down to FFFFH. And it will be automatically reloaded
with the value of T2H and T2L.
Please note that the interrupt signal is generated when counter counts from 0000H to FFFFH. If the value
of counter is N, and count down to FFFFH, the total count is N+1. The content of counter is zero when
system resets. Once it is enabled to count at this time, the interrupt will be generated immediately and
value of T2H and T2L will be loaded since the counter counts to FFFFH. So the T2H and T2L value
should be set before enabling Timer2.
T2H
T2L
"Timer2 Counter"
decreases 1
Count TO
0xFFFFh
Auto reload when
Timer2 underflow
No
Start Timer2
Interrupt Request.
Yes
The contents of T2H and
T2L almost loaded into
Timer2 immediately
when Timer2 is turned on
after reset.
T2_INT
The Timer2 related control registers are list as below:
Register Address
Field
Bit position Mode
Description
IER
0x02
TC2_IER
1
R/W 0: TC2 interrupt is disabled. (default)
1: TC2 interrupt is enabled.
T2L
0x05
T2L[7:0]
7~0
W
Low byte of TC2 pre-load value
T2H
0x06
T2H[7:0]
7~0
W
High byte of TC2 pre-load value
OP1
0x09
TC2E
3
R/W 0: TC2 is disabled. (default)
1: TC2 is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com