| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S29GL01GP10FFIR12 bảng dữ liệu(PDF) 44 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GP10FFIR12 bảng dữ liệu(HTML) 44 Page - SPANSION |
|
44 / 77 page ![]() 44 S29GL-P MirrorBit® Flash Family S29GL-P_00_A7 November 8, 2007 Data Sheet (Pre limin ar y) 8. There are no means for individually erasing a specific PPB and no specific sector address is required for this operation. 9. Exit command must be issued after the execution which resets the device to read mode and re- enables reads and writes for Sector 0. 10. The programming state of the PPB for a given sector can be verified by writing a PPB Status Read Command to the device as described by the flow chart shown in Figure 8.2. Figure 8.2 PPB Program Algorithm Read Byte Twice Addr = SA0 Enter PPB Command Set. Addr = BA Program PPB Bit. Addr = SA DQ5 = 1? Yes Yes Yes No No No Yes DQ6 = Toggle? DQ6 = Toggle? Read Byte. Addr = SA PASS FAIL Issue Reset Command Exit PPB Command Set DQ0 = '0' (Pgm.)? Read Byte Twice Addr = SA0 No Wait 500 µs |