công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PJB75N75 bảng dữ liệu(PDF) 3 Page - Pan Jit International Inc.

tên linh kiện PJB75N75
Giải thích chi tiết về linh kiện  75V N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANJIT [Pan Jit International Inc.]
Trang chủ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJB75N75 bảng dữ liệu(HTML) 3 Page - Pan Jit International Inc.

  PJB75N75 Datasheet HTML 1Page - Pan Jit International Inc. PJB75N75 Datasheet HTML 2Page - Pan Jit International Inc. PJB75N75 Datasheet HTML 3Page - Pan Jit International Inc. PJB75N75 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-JUN.11.2007
PJB75N75
Fig. 1-TYPICAL FORWARD CHARACTERISTIC
FIG.1- Output Characteristic
Typical Characteristics Curves (T =25 C,unless otherwise noted)
A
O
FIG.2- Transfer Characteristic
FIG.3- On Resistance vs Drain Current
FIG.6 - Capacitance
FIG.5- On Resistance vs Junction Temperature
0
20
40
60
80
100
012345
VDS - Drain-to-Source Voltage (V)
3.0V
3.5V
4.0V
4.5V
5.0V
6
6.5
7
7.5
8
8.5
9
9.5
10
0
20
40
60
80
100
ID - Drain Current (A)
6.0V
10V
V =10V
GS
FIG.4- On Resistance vs Gate to Source Voltage
0
10
20
30
40
50
24
68
10
VGS - Gate-to-Source Voltage (V)
ID =30A
T =125 C
J
O
T =25 C
J
O
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
TJ - Junction Tem perature (
oC)
V =10V
I =30A
GS
D
0
1000
2000
3000
4000
5000
6000
0
5
10
15
20
25
VDS - Drain-to-Source Voltage (V)
Ciss
Coss
Crss
V =0V
f=1MHz
GS
V =10V
DS
V =10V
DS
V =10V
DS
0
20
40
60
80
100
1.5
2
2.5
3
3.5
4
4.5
VGS - Gate-to-Source Voltage (V)
VDS =10V
TJ =25
oC
T 125 C
J
=
O
T =-55 C
J
O



Html Pages

1 2 3 4