công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCAMJKUOR-B24 bảng dữ liệu(PDF) 2 Page - Belden Inc.

tên linh kiện DCAMJKUOR-B24
Giải thích chi tiết về linh kiện  DataConnect CAT6A UTP Modular Jack, T568 A/B
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BELDEN [Belden Inc.]
Trang chủ  https://www.belden.com/
Logo BELDEN - Belden Inc.

DCAMJKUOR-B24 bảng dữ liệu(HTML) 2 Page - Belden Inc.

  DCAMJKUOR-B24 Datasheet HTML 1Page - Belden Inc. DCAMJKUOR-B24 Datasheet HTML 2Page - Belden Inc. DCAMJKUOR-B24 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination Rear Connection Durability: ˃ 20 cycles
Cable/Connector Retention:
11.25 lbs.
Connector/Hardware Retention:
20 lbs
Plug/Connector Retention:
11.250 lbs
Standards
UL Rating:
UL94V-0
ISO/IEC Compliance:
IEC 60603-7
Data Category:
Category 6A
TIA/EIA Compliance:
ANSI/TIA 1096-A (formerly FCC Part 68-F)
IEEE Compliance:
IEEE 802.3at type 1 and 2 (PoE) up to 30W, IEEE 802.3bt type 3 and 4 (PoE) up to 100W, CISCO (UPOE) up to 60W, Power over HDBaseTTM (POH) up to 100W
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS):
Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
c(UL)us Listed, UL 1863, UL File E77103
Related Part Numbers
Related Parts:
Compatible with KeyConnect Faceplates, Adapters, Boxes and Patch Panels
Variants
Item #
Color
Packaging
DCAMJKUBK-B24
Packaged in single or bulk packs of 24
DCAMJKUBL-B24
Packaged in single or bulk packs of 24
DCAMJKUEW-B24
Packaged in single or bulk packs of 24
DCAMJKUGN-B24
Packaged in single or bulk packs of 24
DCAMJKUGY-B24
Packaged in single or bulk packs of 24
DCAMJKUIV-B24
Packaged in single or bulk packs of 24
DCAMJKUOR-B24
Packaged in single or bulk packs of 24
DCAMJKUPR-B24
Packaged in single or bulk packs of 24
DCAMJKURD-B24
Packaged in single or bulk packs of 24
DCAMJKUYL-B24
Packaged in single or bulk packs of 24
DC5MJKSME-S1
Packaged in single or bulk packs of 24
DC5MJKUBK-B24
Packaged in single or bulk packs of 24
DC5MJKUBL-B24
Packaged in single or bulk packs of 24
DC5MJKUEW-B24
Packaged in single or bulk packs of 24
DC5MJKUGN-B24
Packaged in single or bulk packs of 24
DC5MJKUGY-B24
Packaged in single or bulk packs of 24
DC5MJKUIV-B24
Packaged in single or bulk packs of 24
DC5MJKUOR-B24
Packaged in single or bulk packs of 24
DC5MJKUPR-B24
Packaged in single or bulk packs of 24
DC5MJKURD-B24
Packaged in single or bulk packs of 24
DC5MJKUYL-B24
Packaged in single or bulk packs of 24
DC6MJKSME-S1
Packaged in single or bulk packs of 24
DC6MJKUBK-B24
Packaged in single or bulk packs of 24
DC6MJKUBL-B24
Packaged in single or bulk packs of 24
DC6MJKUEW-B24
Packaged in single or bulk packs of 24
DC6MJKUGN-B24
Packaged in single or bulk packs of 24
DC6MJKUGY-B24
Packaged in single or bulk packs of 24
DC6MJKUIV-B24
Packaged in single or bulk packs of 24
DC6MJKUOR-B24
Packaged in single or bulk packs of 24
DC6MJKUPR-B24
Packaged in single or bulk packs of 24
DC6MJKURD-B24
Packaged in single or bulk packs of 24
DC6MJKUYL-B24
Packaged in single or bulk packs of 24
DCAMJKSME-S1
Packaged in single or bulk packs of 24
DCAMJKUBK-B24
Packaged in single or bulk packs of 24
DCAMJKUBL-B24
Packaged in single or bulk packs of 24
DCAMJKUEW-B24
Packaged in single or bulk packs of 24



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com