công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAN3204DB bảng dữ liệu(PDF) 20 Page - Pixart Imaging Inc.

tên linh kiện PAN3204DB
Giải thích chi tiết về linh kiện  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PIXART [Pixart Imaging Inc.]
Trang chủ  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB bảng dữ liệu(HTML) 20 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 16Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 17Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 18Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 19Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 20Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 21Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 22Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 23Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 24Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
20
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
7. MOTSWK function
7.1 Motion function
To use Motion function, the MotSwk bit in the Configuration register must be set to zero. Motion is used to
monitor if the mouse sensor has finished sending X-Y movement data to the mouse controller. If all movement
data are not read, MOTSWK pin level will remain low. After the mouse controller reads all movement data from
the mouse sensor, the mouse sensor will set MOTSWK pin level to high.
Motion
Note “A”
Note “A”:
Delta_X / Delta_Y are equal to 0.
Note “B”:
Delta_X / Delta_Y are not equal to 0.
Note “A”
Note “B”
Figure 12. Motion function
7.2 SWKINT function
To use SWKINT function, the MotSwk bit in the Configuration register must be set to one. SWKINT works
when the mouse sensor is in the sleep mode and the mouse controller is also in the sleep mode. If the mouse
sensor detects any motion occurrence at this moment, the mouse sensor will wake the mouse controller up
promptly via MOTSWK pin. The mouse sensor will trigger the mouse controller at the rising/falling edge of
MOTSWK pin.
SWKINT
tSWKINT
Figure 13. SWKINT function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com