công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV914X bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện TLV914X
Giải thích chi tiết về linh kiện  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV914X bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button TLV914X Datasheet HTML 14Page - Texas Instruments TLV914X Datasheet HTML 15Page - Texas Instruments TLV914X Datasheet HTML 16Page - Texas Instruments TLV914X Datasheet HTML 17Page - Texas Instruments TLV914X Datasheet HTML 18Page - Texas Instruments TLV914X Datasheet HTML 19Page - Texas Instruments TLV914X Datasheet HTML 20Page - Texas Instruments TLV914X Datasheet HTML 21Page - Texas Instruments TLV914X Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
6 Detailed Description
6.1 Overview
The TLV914x family (TLV9141, TLV9142, and TLV9144) is a family of high voltage (18V) general purpose
operational amplifiers.
The TLV914x is a low-power family that has a quiescent current of 7µA/channel. These devices also offer
excellent DC precision, including rail-to-rail input/output, low offset (±265µV, typical), and low offset drift
(±0.2µV/°C, typical). These devices also have a gain bandwidth product of 125kHz and low 1/f flicker noise
of 3.4µV peak-to-peak (0.1Hz to 10Hz). These strong AC and DC parameters make the TLV914x an extremely
flexible, robust, and high-performance operational amplifier for high-voltage industrial applications.
6.2 Functional Block Diagram
Reference
Current
V+
V
IN-
V
IN+
V
(Ground)
-
V
BIAS2
V
BIAS1
Class AB
Control
Circuitry
V
O
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9141 TLV9142 TLV9144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com