công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S29GL01GP bảng dữ liệu(PDF) 72 Page - SPANSION

tên linh kiện S29GL01GP
Giải thích chi tiết về linh kiện  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP bảng dữ liệu(HTML) 72 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 68Page - SPANSION S29GL01GP Datasheet HTML 69Page - SPANSION S29GL01GP Datasheet HTML 70Page - SPANSION S29GL01GP Datasheet HTML 71Page - SPANSION S29GL01GP Datasheet HTML 72Page - SPANSION S29GL01GP Datasheet HTML 73Page - SPANSION S29GL01GP Datasheet HTML 74Page - SPANSION S29GL01GP Datasheet HTML 75Page - SPANSION S29GL01GP Datasheet HTML 76Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
72
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A7 November 8, 2007
Data
Sheet
(Pre limin ar y)
12.2
Common Flash Memory Interface
The Common Flash Interface (CFI) specification outlines device and host system software interrogation
handshake, which allows specific vendor-specified software algorithms to be used for entire families of
devices. Software support can then be device-independent, JEDEC ID-independent, and forward- and back-
ward-compatible for the specified flash device families. Flash vendors can standardize their existing
interfaces for long-term compatibility.
This device enters the CFI Query mode when the system writes the CFI Query command, 98h, to address
55h any time the device is ready to read array data. The system can read CFI information at the addresses
given in Tables 12.6–12.8). All reads outside of the CFI address range, returns non-valid data. Reads from
other sectors are allowed, writes are not. To terminate reading CFI data, the system must write the reset
command.
The system can also write the CFI query command when the device is in the autoselect mode. The device
enters the CFI query mode, and the system can read CFI data at the addresses given in Tables 12.6–12.8.
The system must write the reset command to return the device to reading array data.
The following is a C source code example of using the CFI Entry and Exit functions. Refer to the Spansion
Low Level Driver User’s Guide (available on www.spansion.com) for general information on Spansion Flash
memory software development guidelines.
/* Example: CFI Entry command */
*( (UINT16 *)base_addr + 0x55 ) = 0x0098;
/* write CFI entry command
*/
/* Example: CFI Exit command
*/
*( (UINT16 *)base_addr + 0x000 ) = 0x00F0;
/* write cfi exit command
*/
For further information, please refer to the CFI Specification (see JEDEC publications JEP137-A and
JESD68.01and CFI Publication 100). Please contact your sales office for copies of these documents.
Table 12.5 CFI Query Identification String
Addresses
(x16)
Addresses
(x8)
Data
Description
10h
11h
12h
20h
22h
24h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
13h
14h
26h
28h
0002h
0000h
Primary OEM Command Set
15h
16h
2Ah
2Ch
0040h
0000h
Address for Primary Extended Table
17h
18h
2Eh
30h
0000h
0000h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
32h
34h
0000h
0000h
Address for Alternate OEM Extended Table (00h = none exists)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com