| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XGS5M bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
XGS5M bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
|
2 / 5 page ![]() XGS Family www.onsemi.com 2 Table 2. ORDERABLE PART NUMBERS (Note 2) Part Number Product Description Speed Grade Resolution (H x V) NOIX4SN5000B−LTI 5 MP Mono Production device 0 CRA 16 Lanes 2592 x 2048 NOIX4SE5000B−LTI 5 MP Color Production device 0 CRA NOIX4SF5000B−LTI 5 MP Color Production device 4.7 CRA NOIX5SN5000B−LTI 5 MP Mono Production device 0 CRA 4 Lanes NOIX5SE5000B−LTI 5 MP Color Production device 0 CRA NOIX4SF3000B−LTI 3 MP Color Production device 4.7 CRA 16 Lanes 2048 x 1536 NOIX4SP3000B−LTI 3 MP Mono Production device 4.7 CRA NOIX4SN2000B−LTI 2 MP Mono Production device 0 CRA 16 Lanes 1920 x 1200 NOIX4SE2000B−LTI 2 MP Color Production device 0 CRA 1. Production Device part numbers are listed for informational purpose only. Production Device part numbers are not available for orders at this time. Please contact onsemi for availability dates. 2. See the onsemi Device Nomenclature document (TND310/D) for a full description of the naming convention used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at www.onsemi.com. Table 3. ORDERING INFORMATION EVALUATION KITS Part Number Product Description Additional Information NOIX4SN5000KBLFB−GEVB Sensor Headboard (5 MP, Mono, 16−Lane) Demo Kit Headboard (incl. NOIX4SN5000KB−LTI) (Note 3) NOIX4SE5000KBLFB−GEVB Sensor Headboard (5 MP, Color, 16−Lane) Demo Kit Headboard (incl. NOIX4SE5000KB−LTI) (Note 3) AGBAN6CS−GEVK Frame Buffer Demo Board AP21088 including Power Adapter AGB1N0CS−GEVK Demo 3 Board FPGA Base Board including USB Cable and Tripod 3. Sensors are soldered to the headboard. |