công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F800AXY bảng dữ liệu(PDF) 28 Page - Texas Instruments

tên linh kiện TMS28F800AXY
Giải thích chi tiết về linh kiện  1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS28F800AXY bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button TMS28F800AXY Datasheet HTML 24Page - Texas Instruments TMS28F800AXY Datasheet HTML 25Page - Texas Instruments TMS28F800AXY Datasheet HTML 26Page - Texas Instruments TMS28F800AXY Datasheet HTML 27Page - Texas Instruments TMS28F800AXY Datasheet HTML 28Page - Texas Instruments TMS28F800AXY Datasheet HTML 29Page - Texas Instruments TMS28F800AXY Datasheet HTML 30Page - Texas Instruments TMS28F800AXY Datasheet HTML 31Page - Texas Instruments TMS28F800AXY Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
electrical characteristics over recommended ranges of supply voltage and ambient temperature (unless otherwise noted)
TMS28F800AEy AND TMS28008AEy
yy
TMS28F800ASyAND TMS28F008ASy
PARAMETER
TEST CONDITIONS
TMS28F800AVy
TMS28F800AZy
UNIT
PARAMETER
TEST CONDITIONS
y
TMS28F008AVy
y
TMS28F008AZy
UNIT
3 V/3.3 V
5 V
MIN
MAX
MIN
MAX
VOH
High-level output voltage
TTL
VCC = VCC MIN,IOH = – 2.5 mA (5 V)
VCC = VCC MIN,IOH = –2 mA (3 V)
2.4
2.4
V
OH
gg
CMOS
VCC = VCC MIN,IOH = – 100 µA
VCC – 0.4
0.55 VCC
VCC – 0.4
0.55 VCC
VOL
Low-level output voltage
VCC = VCC MIN,IOL = 5.8 mA
0.45
0.45
V
VID
A9 selection-code voltage
During read algorithm-selection mode
11.4
12.6
11.4
12.6
V
II
Input current (leakage), except for A9 when
A9 = VID (see Note 9)
VCC = VCC MAX, VI = 0 V to VCC MAX,
±1
±1
µA
IID
A9 selection-code current
A9 = VID
500
500
µA
IRP
RP boot-block unlock current
RP = VHH
500
500
µA
IO
Output current (leakage)
VCC = VCC MAX, VO = 0 V to VCC MAX
±10
±10
µA
IPPR
VPP read current
VPP ≥ VPPH2 (at 12 V)
200
200
µA
IPPS
VPP standby current (standby)
VPP ≤ VCC
10
10
µA
IPPL
VPP supply current (reset / deep power-down mode)
RP = VSS ± 0.2 V, VPP ≤ VCC
5
5
µA
IPP1
VPP supply current (active read)
VPP ≥ VCC
200
200
µA
IPP2
VPP supply current (active byte-write)
(see Notes 10 and 11)
Programming in progress
30
30
mA
IPP3
VPP supply current (active word-write)
(see Notes 10 and 11)
Programming in progress
30
30
mA
IPP4
VPP supply current (block-erase)
(see Notes 10 and 11)
Block-erase in progress
30
30
mA
IPP5
VPP supply current (erase-suspend)
(see Notes 10 and 11)
Block-erase suspended
200
200
µA
TTL-input level
VCC = VCC MAX
CE = RP = VIH
1.5
2
mA
ICCS
VCC supply current (standby)
CMOS-input
level
VCC = VCC MAX, CE = RP = VCC ± 0.2 V
110
130
µA
ICCL
VCC supply current (reset / deeppower down mode)
RP
V
± 02 V
0
°C to 70°C
8
8
µA
ICCL
VCC supply current (reset / deep power-down mode)
RP = VSS ± 0.2 V
– 40
°C to 85°C
8
8
µA
NOTES:
9. DQ15/A–1 is tested for output leakage only.
10. Characterization data available
11. All ac current values are RMS unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com