| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STR71XF bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR71XF bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 77 page ![]() STR71xF System architecture 17/77 83 H12 V33IO-PLL S Supply voltage for digital I/O circuitry and for PLL reference4) 84 H11 VSSIO-PLL S Ground voltage for digital I/O circuitry and for PLL reference4) 85 H10 P1.7/T1.OCM PA I/O pu CT 4mA X X Port 1.7 Timer 1: Output Compare A 86 H9 P1.8 I/O pd CT 4mA X X Port 1.8 87 G12 N.C. Not connected (not bonded) 88 F12 P1.11/CANRX I/O pu CT X 4mA X X Port 1.11 CAN: receive data input Note: On STR710 and STR712 only 89 H8 P1.12/CANTX I/O pu CT 4mA X X Port 1.12 CAN: Transmit data output Note: On STR710 and STR712 only 90 G11 USBDP I/O CT USB bidirectional data (data +). Reset state = HiZ Note: On STR710 and STR711 only This pin requires an external pull-up to V33 to maintain a high level. 91 G10 USBDN I/O CT USB bidirectional data (data -). Reset state = HiZ Note: On STR710 and STR711 only. 92 G9 D.10 I/O 6) 8mA External Memory Interface: data bus 93 G8 D.11 I/O 6) 8mA 94 G7 D.12 I/O 6) 8mA 95 F11 D.13 I/O 6) 8mA 96 F10 D.14 I/O 6) 8mA 97 F9 D.15 I/O 6) 8mA 98 F8 A.0 O 7) 8mA X External Memory Interface: address bus 99 E12 A.1 O 7) 8mA X 100 E11 A.2 O 7) 8mA X 101 C12 A.3 O 7) 8mA X 102 B12 A.4 O 7) 8mA X 103 E10 VSS S Ground voltage for digital I/O circuitry4) 104 E9 V33 S Supply voltage for digital I/O circuitry4) 105 D12 P1.9 I/O pd CT 4mA X X Port 1.9 106 D11 P1.10/ USBCLK I/O pd C/ T 4mA X X Port 1.10 USB: 48 MHZ clock input Table 3. STR710 pin description Pin n° Pin Name Input Output Main function (after reset) Alternate function |