công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC3548CPWRG4 bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện TLC3548CPWRG4
Giải thích chi tiết về linh kiện  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC3548CPWRG4 bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button TLC3548CPWRG4 Datasheet HTML 18Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 19Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 20Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 21Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 22Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 23Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 24Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 25Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operation cycle timing
4 SCLKs
4-bit Command
12-bit CFR Data (Optional)
12 SCLKs for Short
44 SCLKs for Long
4 SCLKs
12 SCLKs for Short
44 SCLKs for Long
t–CSL to FSL
SDI
2-bit Don’t Care
14-bit Data (Previous Conversion)
SDO
SDI
SDO
15 ns
15 nS
Active FS
t(setup)†
t(sample)
t(convert)
t(overhead)
t(delay)†
t(setup)†
t(sample)
t(convert)
t(overhead)
CSTAR (For Extended Sampling) occurs at
or after the rising edge of eleventh SCLK
CSTAR (For Extended Sampling) occurs at
or after the rising edge of eleventh SCLK
CS Initiates
Operation
FS Initiates
Operation
18 OSC for Internal OSC†
72 SCLK for External Clock
18 OSC for Internal OSC
72 SCLK for External Clock
4-bit Command
12-bit CFR Data (Optional)
2-bit Don’t Care
Active CS (FS Is Tied to High)
Active CS (CS Can Be Tied to Low)
† Non JEDEC terms used.
14-bit Data (Previous Conversion)
After the operation is finished, the host has several choices. Table 3 summarizes operation options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42