| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC3548CDWR bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC3548CDWR bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 42 page ![]() TLC3544, TLC3548 5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS SLAS266C – OCTOBER 2000 – REVISED MAY 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 equivalent input circuit 1.1 k Ω Max Ron MUX C(sample) = 30 pF Max VDD REFM Ain Diode Turn on Voltage: 35 V Equivalent Analog Input Circuit Equivalent Digital Input Circuit Digital Input VDD Terminal Functions TERMINAL NAME NO. I/O DESCRIPTION NAME TLC3544 TLC3548 I/O DESCRIPTION A0 A1 A2 A3 A0 A1 A2 A3 A4 A5 A6 A7 9 10 11 12 9 10 11 12 13 14 15 16 I Analog signal inputs. Analog input signals applied to these terminals are internally multiplexed. The driving source impedance should be less than or equal to 1 k Ω for normal sampling. For larger source impedance, use the external hardware conversion start signal CSTART (the low time of CSTART controls the sampling period) or reduce the frequency of SCLK to increase the sampling time. AGND 14, 18 18, 22 I Analog ground return for the internal circuitry. Unless otherwise noted, all analog voltage measurements are with respect to AGND. AVDD 13, 19 17, 23 I Analog supply voltage BGAP 17 21 I Internal bandgap compensation pin. Install compensation capacitors between BGAP and AGND. 0.1 µF for external reference; 10 µF in parallel with 0.1 µF for internal reference. CS 8 8 I Chip select. When CS is high, SDO is in high-impedance state, SDI is ignored, and SCLK is disabled to clock data but works as conversion clock source if programmed. The falling edge of CS input resets the internal 4-bit counter, enables SDI and SCLK, and removes SDO from high-impedance state. If FS is high at CS falling edge, CS falling edge initiates the operation cycle. CS works as slave select (SS) to provide an SPI interface. If FS is low at CS falling edge, FS rising edge initiates the operation cycle. CS can be used as chip select to allow the host to access the individual converter. CSTART 20 24 I External sampling trigger signal, which initiates the sampling from a selected analog input channel when the device works in extended sampling mode (asynchronous sampling). A high-to-low transition starts the sampling of the analog input signal. A low-to-high transition puts the S/H in hold mode and starts the conversion. The low time of the CSTART signal controls the sampling period. CSTART signal must be long enough for proper sampling. CSTART must stay high long enough after the low-to-high transition for the conversion to finish maturely. The activation of CSTART is independent of SCLK and the level of CS and FS. However, the first CSTART cannot be issued before the rising edge of the 11th SCLK. Tie this terminal to DVDD if not used. DGND 6 6 I Digital ground return for the internal circuitry DVDD 7 7 I Digital supply voltage |