công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STW5098BBLF bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện STW5098BBLF
Giải thích chi tiết về linh kiện  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLF bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button STW5098BBLF Datasheet HTML 23Page - STMicroelectronics STW5098BBLF Datasheet HTML 24Page - STMicroelectronics STW5098BBLF Datasheet HTML 25Page - STMicroelectronics STW5098BBLF Datasheet HTML 26Page - STMicroelectronics STW5098BBLF Datasheet HTML 27Page - STMicroelectronics STW5098BBLF Datasheet HTML 28Page - STMicroelectronics STW5098BBLF Datasheet HTML 29Page - STMicroelectronics STW5098BBLF Datasheet HTML 30Page - STMicroelectronics STW5098BBLF Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
STw5098
Functional description
27/85
4.18
Microphone biasing circuits
The Microphone Biasing Circuits can drive mono or stereo microphones and can switch
them off when not needed in order to save the current used by the microphone biasing
network on each entity. Two bits control the behavior of the microphone bias circuit: MBIAS
in CR17 enables the circuit (fixed voltage at MBIAS pin), while bit MBIASPD in CR17 affects
the behavior of MBIAS pin when the function is not enabled. In particular when MBIASPD=1
the MBIAS pin is pulled down, otherwise it is left in tristate mode. The specification for the
microphone biasing circuits can be found in
Section 10.6 on page 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85