| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M93C86-RDS3TG/S bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C86-RDS3TG/S bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 38 page ![]() Description M93C86, M93C76, M93C66, M93C56, M93C46 6/38 1 Description The M93C86, M93C76, M93C66, M93C56 and M93C56 are electrically erasable programmable memory (EEPROM) devices. They are accessed through a Serial Data input (D) and Serial Data output (Q) using the MICROWIRE bus protocol. In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. ECOPACK® packages are lead-free and RoHS compliant. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Figure 1. Logic diagram The memory array organization may be divided into either bytes (x8) or words (x16) which may be selected by a signal applied on Organization Select (ORG). The bit, byte and word sizes of the memories are as shown in Table 3. Table 2. Signal names Signal name Function Direction S Chip Select Input D Serial Data input Input Q Serial Data output Output C Serial Clock Input ORG Organisation Select Input VCC Supply voltage VSS Ground AI01928 D VCC M93Cx6 VSS C Q S ORG |