| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML12079-5P bảng dữ liệu(PDF) 2 Page - LANSDALE Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
ML12079-5P bảng dữ liệu(HTML) 2 Page - LANSDALE Semiconductor Inc. |
|
2 / 4 page ![]() www.lansdale.com LANSDALE Semiconductor, Inc. ML12079 Page 2 of 4 ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5 V; TA = –40 to 85°C, unless otherwise noted.) Parameter Symbol Min Typ Max Unit Toggle Frequency (Sine Wave) ft 0.25 3.4 2.8 GHz Supply Current Output (Pin 2) ICC – 9.0 11.5 mA Input Voltage Sensitivity 250–500 MHz 500–2800 MHz Vin 400 100 – – 1000 1000 mVpp Divide Ratio Control Input High (SW) VIH VCC VCC VCC V Divide Ratio Control Input Low (SW) VIL Open Open Open – Output Voltage Swing (CL = 12 pF; RL = 1.2 kΩ; IO = 2.7 mA)1 (CL = 12 pF; RL = 2.2 kΩ; IO = 1.5 mA)2 (CL = 12 pF; RL = 3.9 kΩ; IO = 0.85 mA)3 Vout 1.0 1.6 – Vpp NOTES: 1. Divide ratio of ÷64 at 2.8 GHz. 2. Divide ratio of ÷128 at 2.8 GHz. 3. Divide ratio of ÷256 at 2.8 GHz. DQB CQ DQ CQB DQB C Q In In Out Figure 1. Logic Diagram (ML12079) DQ CQB DQB C Q DQB CQ DQB CQ DQB CQ SW2 SW1 Figure 2. AC Test Circuit SINE WAVE GENERATOR 50 Ω C1 C2 C3 VCC = 4.5 to 5.5 V CL RL VCC IN IN GND OUT EXTERNAL COMPONENTS C1 = C2 = 1000 pF C3 = 0.1 µF CL = 12 pF (Including Scope and Jig Capacitance) RL = 1.2 kΩ (for ÷64 at 2.8 GHz) SW2 SW1 Issue A |