| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL9711 bảng dữ liệu(PDF) 13 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL9711 bảng dữ liệu(HTML) 13 Page - GENESYS LOGIC |
|
13 / 42 page ![]() GL9711 PCI Express TM PIPE x1 PHY ©2000-2006 Genesys Logic Inc. - All rights reserved. Page 13 L15 TXD6 N15 RXDK0 R15 RXD4 U15 NC L16 TXD1 N16 TXD7 R16 RXD0 U16 RXD6 L17 TXD0 N17 TXD5 R17 VDD25 U17 VDD25 M1 VSS P1 VDD25 T1 NC M2 NC P2 NC T2 VDD25 M3 VDD18 P3 NC T3 NC M4 NC P4 NC T4 NC M5 P5 NC T5 VDD25 M6 P6 NC T6 VDD18 M7 P7 NC T7 NC M8 P8 NC T8 NC M9 P9 VSS T9 NC M10 P10 PD1 T10 TESTD M11 P11 RXVLD T11 PD0 M12 P12 NC T12 RXIDLE M13 P13 RXD7 T13 NC M14 RXSTS1 P14 RXD5 T14 PCLK M15 TXD4 P15 RXD1 T15 VSS M16 TXD3 P16 VSS T16 RXD2 M17 VSS P17 RXSTS0 T17 RXSTS2 Blank Table 3.3 - Alphabetic Pin List Pin Name Pin# Pin Name Pin# Pin Name Pin# Pin Name Pin# Pin Name Pin# NC C3 NC G4 NC F15 NC A6 VSS H7 NC C5 NC E2 TXCMP L14 NC A2 VSS H8 NC C6 NC F3 NC R3 NC B14 VSS H9 NC C9 NC D3 NC G1 TXP B10 VSS H10 NC C11 NC E3 TXD8 D13 NC B6 VSS H11 NC C13 NC E4 TXD9 C14 NC B2 VSS J2 NC D6 NC F4 TXD10 E16 VDD12 J14 VSS J7 NC D10 NC C2 TXD11 D14 VDD12 K4 VSS J8 NC D11 RXDK1 E17 TXD12 D15 VDD18 C4 VSS J9 NC D12 RXDK0 N15 TXD13 E14 VDD18 C10 VSS J10 NC K17 NC T1 TXD14 C16 VDD18 C12 VSS J11 OPMODE0 R9 NC E1 TXD15 C17 VDD18 D7 VSS J15 OPMODE1 U10 NC T13 TXD0 L17 VDD18 H17 VSS K7 OSC25MO C1 RXIDLE T12 TXD1 L16 VDD18 J17 VSS K8 OSC25MI D1 NC T8 TXD2 K14 VDD18 L4 VSS K9 |