công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M93C46-DS3P/S bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện M93C46-DS3P/S
Giải thích chi tiết về linh kiện  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-DS3P/S bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button M93C46-DS3P/S Datasheet HTML 5Page - STMicroelectronics M93C46-DS3P/S Datasheet HTML 6Page - STMicroelectronics M93C46-DS3P/S Datasheet HTML 7Page - STMicroelectronics M93C46-DS3P/S Datasheet HTML 8Page - STMicroelectronics M93C46-DS3P/S Datasheet HTML 9Page - STMicroelectronics M93C46-DS3P/S Datasheet HTML 10Page - STMicroelectronics M93C46-DS3P/S Datasheet HTML 11Page - STMicroelectronics M93C46-DS3P/S Datasheet HTML 12Page - STMicroelectronics M93C46-DS3P/S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Connecting to the serial bus
9/38
2
Connecting to the serial bus
Figure 3.
Bus master and memory devices on the serial bus
Figure 3 shows an example of three memory devices connected to an MCU, on a serial bus.
Only one device is selected at a time, so only one device drives the Serial Data Output (Q)
line at a time, the other devices are high impedance.
The pull-down resistor R (represented in Figure 3) ensures that no device is selected if the
Bus Master leaves the S line in the high impedance state.
AI14377
Bus master
M93xxx
memory device
SDO
SDI
SCK
CQD
S
M93xxx
memory device
CQD
S
M93xxx
memory device
CQD
S
CS3 CS2 CS1
ORG
ORG
ORG
RR
R
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38