công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2WCS2015 bảng dữ liệu(PDF) 1 Page - Ashcroft, Inc.

tên linh kiện A2WCS2015
Giải thích chi tiết về linh kiện  A2 Pressure Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASHCROFT [Ashcroft, Inc.]
Trang chủ  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

A2WCS2015 bảng dữ liệu(HTML) 1 Page - Ashcroft, Inc.

  A2WCS2015 Datasheet HTML 1Page - Ashcroft, Inc. A2WCS2015 Datasheet HTML 2Page - Ashcroft, Inc. A2WCS2015 Datasheet HTML 3Page - Ashcroft, Inc. A2WCS2015 Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4PH®, Aminco®, Bendix® , Hirschmann®, VCR®, Tri-Clamp®.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. a2_transducer_ds_RevH_10-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us
of 4
1
A2 Pressure Transmitter
FEATURES
Rugged housing
Highly configurable: wide selection of pressure
ranges, pressure connections and electrical
terminations
Output: select voltage or current versions
Available with externally adjustable zero and span
access
TYPICAL USES
Test stands
Compressor control
Hydraulic systems
Process automation
Pump and pneumatic systems control
KEY BENEFITS
• Provides the user with accurate, reliable, and
stable output data
• Board microprocessor provides extremely
linear and precise performance over the entire
pressure and temperature range
PERFORMANCE SPECIFICATIONS
Reference
Temperature:
70 °F (21 °C)
Accuracy Class
(Includes
non-linearity):
±0.25%, ±0.5%, ±1.0% of span
Terminal Point Method includes: hysteresis,
non-repeatability, zero offset and span setting
errors
Best Fit Straight
Line (BFSL):
±0.2%, ±0.4%, ±0.5% of span
Add ±0.05% for ranges >5,000 psi
Durability:
>10 million cycles
Stability:
≤±0.25% span/year at reference conditions
ENVIRONMENTAL SPECIFICATIONS
Temperature
Effects:
-4 °F to 185 °F (-20 °C to 85 °C)
±1.0% of span for ±0.25% accuracy class
±2.0% of span for ±0.5% and ±1.0% accuracy class
Temperature
Limits:
Storage:
Operating:
Compensated:
-40 °F to 257 °F (-40 °C to 125 °C)
-40 °F to 257 °F (-40 °C to 125 °C)
-4 °F to 185 °F (-20 °C to 85 °C)
Humidity Effects:
0-95% R.H. non-condensing (no effects)
0-100% R.H. with welded enclosure (no effects)
FUNCTIONAL SPECIFICATIONS
Response Time:
<2ms
Pressure Ranges:
Vacuum, gauge, compound and absolute pressure
from 0 to 5 psi through 0 to 10,000 psi
(Bar ranges available)
Shock:
100g Peak, 11ms
Random Vibration:
10g RMS, 20-2,000Hz
Sweep Vibration:
50-2,000Hz, 5g peak
Position Effect:
±0.02%, typical
Overpressure:
≤300 psi
≥500 to ≤10,000 psi
Proof:
1.5 X Range
1.2 X Range
Burst:
2 X Range
1.5 X Range
ELECTRICAL SPECIFICATIONS
Circuit Protection:
Reverse polarity and mis-wire protected
Insulation
Resistance
(Circuit Case):
100 MΩ @ 30 Vdc
Output Signal:
0-5 Vdc (3 Wire)
0-10 Vdc (3 Wire)
1-5 Vdc (3 Wire)
1-6 Vdc (3 Wire)
4-20 mA (2 Wire)
Supply Voltage: (unregulated)
Min.
Max.
12 Vdc
36 Vdc
14 Vdc
36 Vdc
10 Vdc
36 Vdc
10 Vdc
36 Vdc
12 Vdc
36 Vdc
A2
Pressure Transmitter


Số phần tương tự - A2WCS2015

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
A2W OMRON-A2W Datasheet
1Mb / 14P
Wireless Pushbutton Switch
A2W-AT2.5-WC1 OMRON-A2W-AT2.5-WC1 Datasheet
1Mb / 14P
Wireless Pushbutton Switch
A2W-H-WC1 OMRON-A2W-H-WC1 Datasheet
1Mb / 14P
Wireless Pushbutton Switch
A2W-RAN-WC1 JP OMRON-A2W-RAN-WC1 JP Datasheet
1Mb / 14P
Wireless Pushbutton Switch
A2W-RAN-WC1JP OMRON-A2W-RAN-WC1JP Datasheet
1Mb / 14P
Wireless Pushbutton Switch
More results

Mô tả tương tự - A2WCS2015

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fuji Electric
EDSX5-80K FUJI-EDSX5-80K Datasheet
159Kb / 12P
PRESSURE TRANSMITTER
logo
Festo Corporation.
571471 FESTO-571471 Datasheet
92Kb / 2P
Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
Pressure transmitter
571476 FESTO-571476 Datasheet
92Kb / 2P
Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
Pressure transmitter
8000101 FESTO-8000101 Datasheet
94Kb / 2P
Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
Pressure transmitter
8025976 FESTO-8025976 Datasheet
76Kb / 2P
Pressure transmitter
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com