công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1327CMSDF bảng dữ liệu(PDF) 1 Page - Ashcroft, Inc.

tên linh kiện 1327CMSDF
Giải thích chi tiết về linh kiện  1327CM Pressure Gauge Comparator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASHCROFT [Ashcroft, Inc.]
Trang chủ  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

1327CMSDF bảng dữ liệu(HTML) 1 Page - Ashcroft, Inc.

  1327CMSDF Datasheet HTML 1Page - Ashcroft, Inc. 1327CMSDF Datasheet HTML 2Page - Ashcroft, Inc. 1327CMSDF Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATIONS
Accuracy:
±0.1% of gauge span
Gauges:
Ashcroft Model A4A, 6˝, ASME B40.1,
Grade 4A, temperature compensated
Bourdon tube material – 403 Stainless Steel
or Beryllium Copper (depending on range)
Gauge ranges – (see table)
Operating Pressure:
0 to 10,000 psi max.
Reservoir Volume
Approximately 1.5 pints (0.7 liter)
Pump Body Material
Aluminum alloy
Operating Fluid:
1327CMS – SAE 20 automotive or machine oil
1327CMH – Phosphate or glycol base
hydraulic fluids
1327CMO – Distilled water (with sodium
molybdate and phosphoric acid additives
recommended as corrosion inhibitors)
O-Ring Seals:
Standard (1327CMS and 1327CMO) – Buna-N
Optional (1327CMH) – Ethylene Propylene
Accessories:
Metal carrying and storage box
Lower connection offset pipe assembly
Back connection pipe
Gauge pipe extension assembly
¼ and ½ NPT Female adapters
Wrench (1˝x11⁄8˝)
Wrench (7⁄8˝x1˝)
Wrench (5⁄8˝)
Pointer puller set
Installation and Operation Manual
Spare O-ring kit
KEY BENEFITS
•Easy to use – no weight stacking
•Can be used to calibrate oxygen service gauges
•Higher accuracy gauges support 4:1 calibration
ratio
FEATURES
„
1 to 3, 6˝ certified test gauges provided
„
Accuracy: ±0.1% of span, ASME B40.100,
grade 4A gauges
„
Maximum operating pressure: 10,000 psi
„
Compatible with a variety of operating fluids,
including water
TYPICAL USES
Calibration laboratories
Portable for field calibrations
SPECIFICATIONS (Continued)
Certification:
Standard – Traceable calibration certificate
provided for each gauge.
Carrying Case
Dimensions:
10 ½˝ x 8 ½˝ x 24 ½˝ (inches)
(11˝ x 10˝ x 24½˝ including latches and handle)
of 3
1
Data Sheet
All specifications are subject to change without notice. All sales subject to standard
terms and conditions. Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc.
©2022 Ashcroft Inc. 1327CM_PrComp_ds_RevA_09-29-22
ashcroft.com
| 1.800.328.8258 | Contact Us
1327CM Pressure Gauge Comparator
1327CM Pressure Gauge Comparator
(Pressure gauge pictured on left not included)


Số phần tương tự - 1327CMSDF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alpha Wire
1327C ALPHAWIRE-1327C Datasheet
98Kb / 4P
Customer Specification
12/5/2022
More results

Mô tả tương tự - 1327CMSDF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ralston Instruments.
QTFT-2MS0-MP RALSTON-QTFT-2MS0-MP Datasheet
463Kb / 1P
Adapt any pressure calibrator, pressure gauge or comparator to Quick-test easily
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563732 FESTO-563732 Datasheet
114Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com