| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE2064CDG4 bảng dữ liệu(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2064CDG4 bảng dữ liệu(HTML) 36 Page - Texas Instruments |
|
36 / 78 page ![]() TLE206x, TLE206xA, TLE206xB EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE µPOWER OPERATIONAL AMPLIFIERS SLOS193B − FEBRUARY 1997 − REVISED MAY 2004 36 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2064I electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLE2064I TLE2064AI TLE2064BI UNIT A MIN TYP MAX TLE2064I 25 °C 1.2 7 TLE2064I Full range 8.3 VIO Input offset voltage TLE2064AI 25 °C 1.2 6 mV VIO Input offset voltage TLE2064AI Full range 7.3 mV TLE2064BI 25 °C 0.8 3.5 TLE2064BI VIC = 0, RS = 50 Ω Full range 4.8 αVIO Temperature coefficient of input offset voltage VIC = 0, RS = 50 Ω 25 °C 6 µV/°C Input offset voltage long-term drift (see Note 4) Full range 0.04 µV/mo IIO Input offset current 25 °C 1 pA IIO Input offset current Full range 2 nA IIB Input bias current 25 °C 3 pA IIB Input bias current Full range 4 nA VICR Common-mode input voltage range 25 °C − 1.6 to 4 −2 to 6 V VICR Common-mode input voltage range Full range − 1.6 to 4 V RL = 10 kΩ 25 °C 3.5 3.7 VOM + Maximum positive peak output voltage swing RL = 10 kΩ Full range 3.1 V VOM + Maximum positive peak output voltage swing RL = 100 Ω 25 °C 2.5 3.1 V RL = 100 Ω Full range 2 RL = 10 kΩ 25 °C − 3.7 − 3.9 VOM − Maximum negative peak output voltage swing RL = 10 kΩ Full range − 3.1 V VOM − Maximum negative peak output voltage swing RL = 100 Ω 25 °C − 2.5 − 2.7 V RL = 100 Ω Full range −2 VO = ± 2.8 V, RL = 10 kΩ 25 °C 15 80 VO = ± 2.8 V, RL = 10 kΩ Full range 2 A VD Large-signal differential voltage amplification VO = 0 to 2 V, RL = 100 Ω 25 °C 0.75 45 V/mV A VD Large-signal differential voltage amplification VO = 0 to 2 V, RL = 100 Ω Full range 0.5 V/mV VO = 0 to − 2 V, RL = 100 Ω 25 °C 0.5 3 VO = 0 to − 2 V, RL = 100 Ω Full range 0.15 ri Input resistance 25 °C 1012 Ω ci Input capacitance 25 °C 4 pF zo Open-loop output impedance IO = 0 25 °C 560 Ω CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω 25 °C 65 82 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 65 dB kSVR Supply-voltage rejection ratio ( ∆VCC /∆VIO) VCC± = ±5 V to ±15 V, 25 °C 75 93 dB kSVR Supply-voltage rejection ratio ( ∆VCC± /∆VIO) VCC± = ±5 V to ±15 V, RS = 50 Ω Full range 65 dB † Full range is − 40°C to 85°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |