công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC110X130X13 bảng dữ liệu(PDF) 1 Page - France Joint

tên linh kiện SC110X130X13
Giải thích chi tiết về linh kiện  STANDARD SHAFT SEALS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FRANCEJOINT [France Joint]
Trang chủ  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SC110X130X13 bảng dữ liệu(HTML) 1 Page - France Joint

  SC110X130X13 Datasheet HTML 1Page - France Joint SC110X130X13 Datasheet HTML 2Page - France Joint SC110X130X13 Datasheet HTML 3Page - France Joint SC110X130X13 Datasheet HTML 4Page - France Joint SC110X130X13 Datasheet HTML 5Page - France Joint SC110X130X13 Datasheet HTML 6Page - France Joint SC110X130X13 Datasheet HTML 7Page - France Joint SC110X130X13 Datasheet HTML 8Page - France Joint SC110X130X13 Datasheet HTML 9Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
|
|
SEAL DESIGN
Tolerance for the outside diameter of the seal (ØD)
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
Coating with grooves
ØD1 ≤ 50.0
+0.10 / +0.20
+0.15 / +0.30
+0.20 / +0.40
50.0 < ØD1 ≤ 80.0
+0.13 / +0.23
+0.20 / +0.35
+0.25 / +0.45
80.0 < ØD1 ≤ 120.0
+0.15 / +0.25
+0.20 / +0.35
+0.25 / +0.45
120.0 < ØD1 ≤ 180.0
+0.18 / +0.28
+0.25 / +0.45
+0.30 / +0.55
180.0 < ØD1 ≤ 300.0
+0.20 / +0.30
+0.25 / +0.45
+0.30 / +0.55
300.0 < ØD1 ≤ 500.0
+0.23 / +0.35
+0.30 / +0.55
+0.35 / +0.65
500.0 < ØD1 ≤ 630.0
+0.23 / +0.35
+0.35 / +0.65
+0.40 / +0.75
Roundness tolerance
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
ØD1 ≤ 50.0
0.18
0.25
50.0 < ØD1 ≤ 80.0
0.25
0.35
80.0 < ØD1 ≤ 120.0
0.30
0.50
120.0 < ØD1 ≤ 180.0
0.40
0.65
180.0 < ØD1 ≤ 300.0
0.25% of the outside diameter
0.80
300.0 < ØD1 ≤ 500.0
0.25% of the outside diameter
1.00
500.0 < ØD1 ≤ 630.0
-
-
Tolerance for the inside diameter of the seal (Ød)
Free and without constraint, the inside diameter of the sealing lip is always smaller than the
diameter of the shaft. The pre-tightening or interference denotes the difference between
these two values. Depending on the shaft diameter, the diameter of the sealing lip is generally
considered to be less, between 0.8 and 3.5 mm.
Pumping leads
Clockwise
Anti-clockwise
Bi-directional
R
L
H0
Other types of pumping leads can be created according to your specifications. Please
contact our experts.
|
DESCRIPTION
The SC profile is a shaft seal
composed of a single metal cage
with a rubber coating and a primary
lip with integrated spring.
|
ADVANTAGES
Very good static sealing
Very good thermal expansion
compensation
Greater roughness is
allowed in the housing
Reduced risk of corrosion
Sealing for low and high viscosity fluids
Modern primary sealing lip
with low radial forces
|
APPLICATIONS
Shaft sealing
Engines
Pumps
Transmissions
|
MATERIALS
Rubber
ACM 70 - 75 Shore A
EPDM 70 - 75 Shore A
FKM 70 - 75 Shore A
HNBR 70 - 75 Shore A
NBR 70 - 75 Shore A
Metal cage
Steel - AISI 1010
Spring
Steel - AISI 1070 - 1090
Stainless steel - AISI 316
STANDARD SHAFT SEALS
SC
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS


Số phần tương tự - SC110X130X13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SC110 ETC2-SC110 Datasheet
77Kb / 1P
Mallory Sonalert Products Inc. Sales Outline Drawing
logo
M-System Co.,Ltd.
SC110 MSYSTEM-SC110 Datasheet
437Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110-10-M2 MSYSTEM-SC110-10-M2 Datasheet
437Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110-10-M2/3 MSYSTEM-SC110-10-M2/3 Datasheet
437Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110-10-M2/300 MSYSTEM-SC110-10-M2/300 Datasheet
437Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results

Mô tả tương tự - SC110X130X13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Bel Fuse Inc.
DCDH-15PSBN BEL-DCDH-15PSBN Datasheet
576Kb / 6P
Dura-ConTM Hermetic Connectors Standard Connectors With High Performance Hermetic Seals Catalog
rev03 05012019
logo
SparkFun Electronics
ROB-12203 SPARKFUN-ROB-12203 Datasheet
95Kb / 1P
ServoBlock Kit - Hitec Standard (Plain Shaft)
2/10/2016
ROB-12347 SPARKFUN-ROB-12347 Datasheet
96Kb / 1P
ServoBlock Kit - Hitec Standard (Hub Shaft)
2/10/2016
ROB-12501 SPARKFUN-ROB-12501 Datasheet
94Kb / 1P
Servo Shaft Coupler - Hitec Standard
1/15/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com